Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12C080 Datasheet(PDF) 30 Page - Texas Instruments

Part # ADC12C080
Description  ADC12C080 12-Bit, 65/80 MSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADC12C080 Datasheet HTML 25Page - Texas Instruments ADC12C080 Datasheet HTML 26Page - Texas Instruments ADC12C080 Datasheet HTML 27Page - Texas Instruments ADC12C080 Datasheet HTML 28Page - Texas Instruments ADC12C080 Datasheet HTML 29Page - Texas Instruments ADC12C080 Datasheet HTML 30Page - Texas Instruments ADC12C080 Datasheet HTML 31Page - Texas Instruments ADC12C080 Datasheet HTML 32Page - Texas Instruments ADC12C080 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
www.ti.com
PACKAGE OUTLINE
C
5.15
4.85
5.15
4.85
0.8
0.7
0.05
0.00
2X 3.5
28X 0.5
2X 3.5
32X
0.5
0.3
32X
0.30
0.18
3.1 0.1
(0.1) TYP
WQFN - 0.8 mm max height
RTV0032A
PLASTIC QUAD FLATPACK - NO LEAD
4224386/B 04/2019
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
1
8
9
16
17
24
25
32
33
SCALE 2.500
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com