Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12C080 Datasheet(PDF) 31 Page - Texas Instruments

Part # ADC12C080
Description  ADC12C080 12-Bit, 65/80 MSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080 Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADC12C080 Datasheet HTML 25Page - Texas Instruments ADC12C080 Datasheet HTML 26Page - Texas Instruments ADC12C080 Datasheet HTML 27Page - Texas Instruments ADC12C080 Datasheet HTML 28Page - Texas Instruments ADC12C080 Datasheet HTML 29Page - Texas Instruments ADC12C080 Datasheet HTML 30Page - Texas Instruments ADC12C080 Datasheet HTML 31Page - Texas Instruments ADC12C080 Datasheet HTML 32Page - Texas Instruments ADC12C080 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
28X (0.5)
(1.3)
(1.3)
(R0.05) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
32X (0.6)
32X (0.24)
(4.8)
(4.8)
(3.1)
(3.1)
(
0.2) TYP
VIA
WQFN - 0.8 mm max height
RTV0032A
PLASTIC QUAD FLATPACK - NO LEAD
4224386/B 04/2019
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
SEE SOLDER MASK
DETAIL
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 15X
1
8
9
16
17
24
25
32
33
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com