Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12C080 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC12C080
Description  ADC12C080 12-Bit, 65/80 MSPS A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12C080 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC12C080 Datasheet HTML 7Page - Texas Instruments ADC12C080 Datasheet HTML 8Page - Texas Instruments ADC12C080 Datasheet HTML 9Page - Texas Instruments ADC12C080 Datasheet HTML 10Page - Texas Instruments ADC12C080 Datasheet HTML 11Page - Texas Instruments ADC12C080 Datasheet HTML 12Page - Texas Instruments ADC12C080 Datasheet HTML 13Page - Texas Instruments ADC12C080 Datasheet HTML 14Page - Texas Instruments ADC12C080 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
ADC12C080
www.ti.com
SNAS379C – SEPTEMBER 2006 – REVISED APRIL 2013
Specification Definitions
APERTURE DELAY is the time after the falling edge of the clock to when the input signal is acquired or held for
conversion.
APERTURE JITTER (APERTURE UNCERTAINTY) is the variation in aperture delay from sample to sample.
Aperture jitter manifests itself as noise in the output.
CLOCK DUTY CYCLE is the ratio of the time during one cycle that a repetitive digital waveform is high to the
total time of one period. The specification here refers to the ADC clock input signal.
COMMON MODE VOLTAGE (VCM) is the common DC voltage applied to both input terminals of the ADC.
CONVERSION LATENCY is the number of clock cycles between initiation of conversion and when that data is
presented to the output driver stage. Data for any given sample is available at the output pins the Pipeline Delay
plus the Output Delay after the sample is taken. New data is available at every clock cycle, but the data lags the
conversion by the pipeline delay.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion Ratio or SINAD. ENOB is defined as (SINAD - 1.76) / 6.02 and says that the converter is
equivalent to a perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale input.
GAIN ERROR is the deviation from the ideal slope of the transfer function. It can be calculated as:
Gain Error = Positive Full Scale Error
− Negative Full Scale Error
(1)
It can also be expressed as Positive Gain Error and Negative Gain Error, which are calculated as:
PGE = Positive Full Scale Error - Offset Error NGE = Offset Error - Negative Full Scale Error
(2)
INTEGRAL NON LINEARITY (INL) is a measure of the deviation of each individual code from a best fit straight
line. The deviation of any given code from this straight line is measured from the center of that code value.
INTERMODULATION DISTORTION (IMD) is the creation of additional spectral components as a result of two
sinusoidal frequencies being applied to the ADC input at the same time. It is defined as the ratio of the power in
the intermodulation products to the total power in the original frequencies. IMD is usually expressed in dBFS.
LSB (LEAST SIGNIFICANT BIT) is the bit that has the smallest value or weight of all bits. This value is VFS/2
n,
where “VFS” is the full scale input voltage and “n” is the ADC resolution in bits.
MISSING CODES are those output codes that will never appear at the ADC outputs. The ADC is ensured not to
have any missing codes.
MSB (MOST SIGNIFICANT BIT) is the bit that has the largest value or weight. Its value is one half of full scale.
NEGATIVE FULL SCALE ERROR is the difference between the actual first code transition and its ideal value of
½ LSB above negative full scale.
OFFSET ERROR is the difference between the two input voltages [(VIN+) – (VIN-)] required to cause a transition
from code 2047 to 2048.
OUTPUT DELAY is the time delay after the falling edge of the clock before the data update is presented at the
output pins.
PIPELINE DELAY (LATENCY) See CONVERSION LATENCY.
POSITIVE FULL SCALE ERROR is the difference between the actual last code transition and its ideal value of
1½ LSB below positive full scale.
POWER SUPPLY REJECTION RATIO (PSRR) is a measure of how well the ADC rejects a change in the power
supply voltage. PSRR is the ratio of the Full-Scale output of the ADC with the supply at the minimum DC supply
limit to the Full-Scale output of the ADC with the supply at the maximum DC supply limit, expressed in dB.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC12C080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com