Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE7954IALK Datasheet(PDF) 18 Page - Texas Instruments

Part # AFE7954IALK
Description  AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7954IALK Datasheet(HTML) 18 Page - Texas Instruments

Back Button AFE7954IALK Datasheet HTML 14Page - Texas Instruments AFE7954IALK Datasheet HTML 15Page - Texas Instruments AFE7954IALK Datasheet HTML 16Page - Texas Instruments AFE7954IALK Datasheet HTML 17Page - Texas Instruments AFE7954IALK Datasheet HTML 18Page - Texas Instruments AFE7954IALK Datasheet HTML 19Page - Texas Instruments AFE7954IALK Datasheet HTML 20Page - Texas Instruments AFE7954IALK Datasheet HTML 21Page - Texas Instruments AFE7954IALK Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 500MSPS, RX
Output Rate = 500MSPS, fDAC = 9000MSPS interleave mode; fADC = 3000MSPS; nominal power supplies; 1 tone at -1 dBFS;
DSA Attenuation =0dB; SerDes rate = 20Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 4: 4TX
TX Single Band: 8x Int, TX Rate 1500
MSPS
fDAC = 12 GSPS, fTX = 2.75 GHz
JESD: 64/66 coding, 24.75Gbps
TX: 8-8-2-1
569
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
521
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
73
mA
IVDD1P2
Group 2: VDD1P2FB, VDD1P2RX,
VDD1P2TXCLK, VDD1P2TXENC,
VDD1P2FBCML, VDD1P2RXCML and
VDD1P2PLLCLKREF
981
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
2719
mA
Pdiss
Power Dissipation
5786
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 5: 2TX
TX Single Band: 4x Int, TX Rate 3000
MSPS
fDAC = 12 GSPS, fTX = 2.75 GHz
JESD: 64/66 coding, 24.75Gbps
TX: 8-4-1-1
297
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
446
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
72
mA
IVDD1P2
Group 2: VDD1P2FB, VDD1P2RX,
VDD1P2TXCLK, VDD1P2TXENC,
VDD1P2FBCML, VDD1P2RXCML and
VDD1P2PLLCLKREF
544
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
1575
mA
Pdiss
Power Dissipation
3577
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 6: Same as Mode 5 in Sleep mode
with Sleep pin pulled high.
96
mA
IVDD1P8
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
330
mA
IVDD1P8
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
16
mA
IVDD1P2
Group 2: VDD1P2FB, VDD1P2RX,
VDD1P2TXCLK, VDD1P2TXENC,
VDD1P2FBCML, VDD1P2RXCML and
VDD1P2PLLCLKREF
48
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
302
mA
Pdiss
Power Dissipation
1132
mW
AFE7954
SBASAO7 – JULY 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com