Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE7954IALK Datasheet(PDF) 28 Page - Texas Instruments

Part # AFE7954IALK
Description  AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7954IALK Datasheet(HTML) 28 Page - Texas Instruments

Back Button AFE7954IALK Datasheet HTML 23Page - Texas Instruments AFE7954IALK Datasheet HTML 24Page - Texas Instruments AFE7954IALK Datasheet HTML 25Page - Texas Instruments AFE7954IALK Datasheet HTML 26Page - Texas Instruments AFE7954IALK Datasheet HTML 27Page - Texas Instruments AFE7954IALK Datasheet HTML 28Page - Texas Instruments AFE7954IALK Datasheet HTML 29Page - Texas Instruments AFE7954IALK Datasheet HTML 30Page - Texas Instruments AFE7954IALK Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.65
2.29
0.5
0.3
TYP
15.2
TYP
15.2 TYP
0.8 TYP
0.8 TYP
400X
0.55
0.45
0.76
0.56
(1.4)
A
17.2
16.8
B
17.2
16.8
(0.9) TYP
(
16)
FCBGA - 2.65 mm max height
ALK0400A
BALL GRID ARRAY
4225930/C 03/2023
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Dimension is measured at the maximum solder ball diameter, parallel to primary datum C.
4. Primary datum C and seating plane are defined by the spherical crowns of the solder balls.
5. Pb-Free die bump and SnPb solder ball.
6. The lids are electrically floating (e.g. not tied to GND).
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.12 C
NOTE 4
0.2 C
W
U
R
N
L
J
G
E
C
A
1
2
3
0.15
C A B
0.08
C
SYMM
SYMM
4
NOTE 3
5
6
7
8
9
10
11
12
13
14
15
17
19
16
18
20
Y
V
T
P
M
K
H
F
D
B
SCALE 0.750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com