Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE7954IALK Datasheet(PDF) 20 Page - Texas Instruments

Part # AFE7954IALK
Description  AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7954IALK Datasheet(HTML) 20 Page - Texas Instruments

Back Button AFE7954IALK Datasheet HTML 16Page - Texas Instruments AFE7954IALK Datasheet HTML 17Page - Texas Instruments AFE7954IALK Datasheet HTML 18Page - Texas Instruments AFE7954IALK Datasheet HTML 19Page - Texas Instruments AFE7954IALK Datasheet HTML 20Page - Texas Instruments AFE7954IALK Datasheet HTML 21Page - Texas Instruments AFE7954IALK Datasheet HTML 22Page - Texas Instruments AFE7954IALK Datasheet HTML 23Page - Texas Instruments AFE7954IALK Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
6.10 Switching Characteristics
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 491.52MSPS,
fDAC = 8847.36MSPS; fADC = 2949.12MSPS; nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation =0dB; SerDes rate
= 24.33Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TX Channel Latency
SerDes Receiver Analog Delay
Full rate
2.8
ns
tJESDTX
JESD to TX output Latency
LMFSHd=2-8-8-1, 368.64 MSPS input
rate, 24x Interpolation, Serdes rate =
16.22Gbps (JESD204C)
152
interface
clock
cycles(1)
LMFSHd=8-16-4-1, 491.52 MSPS 24x
Interpolation, Serdes rate = 16.22Gbps
(JESD204C)
176
LMFSHd=4-16-8-1, 245.76 MSPS 48x
Interpolation, Serdes rate = 16.22Gbps
(JESD204C)
124
LMFSHd=2-16-16-1, 122.88 MSPS 96x
Interpolation, Serdes rate = 16.22Gbps
(JESD204C)
97
(1)
Interface clock cycles is the period of the digital interface sample rate, e.g. 1GSPS = 1ns.
AFE7954
SBASAO7 – JULY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE7954



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com