Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT164E Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74ACT164E
Description  CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT164E Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74ACT164E Datasheet HTML 2Page - Texas Instruments CD74ACT164E Datasheet HTML 3Page - Texas Instruments CD74ACT164E Datasheet HTML 4Page - Texas Instruments CD74ACT164E Datasheet HTML 5Page - Texas Instruments CD74ACT164E Datasheet HTML 6Page - Texas Instruments CD74ACT164E Datasheet HTML 7Page - Texas Instruments CD74ACT164E Datasheet HTML 8Page - Texas Instruments CD74ACT164E Datasheet HTML 9Page - Texas Instruments CD74ACT164E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PARAMETER
TEST CONDITIONS
VCC (V)
25°C
-40°C TO 85 °C
-55°C TO 125°C
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
ΔICC
Additional Supply
Current per Input Pin
TTL Inputs High 1
Unit Load
VCC -2.1 -
4.5 to
5.5
-
2.4
-
2.8
-
3
mA
(1)
Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current and measuring voltage to
minimize power dissipation.
(2)
Test verifies a minimum 50Ω transmission-line-drive capability at 85°C, 75Ω at 125°C.
Table 4-1. ACT Input Load Table
INPUT
UNIT LOAD
A, B
0.5
CLR
0.74
CLK
0.71
Unit load is ΔICC limit specified in DC Electrical Specifications Table, e.g., 2.4mA max at 25°C.
4.6 Prerequisite for Switching Function
PARAMETER
VCC (V)
-40°C TO 85°C
-55°C TO 125°C
UNITS
MIN
MAX
MIN
MAX
AC TYPES
fMAX
Max. Clock Frequency
1.5
7
-
6
-
MHz
3.3(1)
62
-
54
-
MHz
5(2)
86
-
75
-
MHz
tW
MR Pulse Width
1.5
49
-
56
-
ns
3.3
5.5
-
6.3
-
ns
5
3.9
-
4.5
-
ns
tW
CP Pulse Width
1.5
73
-
84
-
ns
3.3
8.2
-
9.4
-
ns
5
5.9
-
6.7
-
ns
tSU
Set-up Time
1.5
27
-
31
-
ns
3.3
3.1
-
3.5
-
ns
5
2.2
-
2.5
-
ns
tH
Hold Time
1.5
27
-
31
-
ns
3.3
3.1
-
3.5
-
ns
5
2.2
-
2.5
-
ns
tREM
MR to CP Removal Time
1.5
1
-
1
-
ns
3.3
1
-
1
-
ns
5
1
-
1
-
ns
ACT TYPES
fMAX
Max. Clock Frequency
5(2)
80
-
70
-
MHz
tW
MR Pulse Width
5
3.9
-
4.5
-
ns
tW
CP Pulse Width
5
6.2
-
7.1
-
ns
tSU
Set-up Time
5
2.2
-
2.5
-
ns
tH
Hold Time
5
2.6
-
3
-
ns
tREM
MR to CP Removal Time
5
0
-
0
-
ns
(1)
9. 3.3V Min at 3.6V, Max at 3V.
(2)
10. 5V Min at 5.5V, Max at 4.5V.
CD54AC164, CD74AC164, CD54ACT164, CD74ACT164
SCHS240D – NOVEMBER 1998 – REVISED OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC164 CD74AC164 CD54ACT164 CD74ACT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com