Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT164E Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74ACT164E
Description  CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT164E Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74ACT164E Datasheet HTML 3Page - Texas Instruments CD74ACT164E Datasheet HTML 4Page - Texas Instruments CD74ACT164E Datasheet HTML 5Page - Texas Instruments CD74ACT164E Datasheet HTML 6Page - Texas Instruments CD74ACT164E Datasheet HTML 7Page - Texas Instruments CD74ACT164E Datasheet HTML 8Page - Texas Instruments CD74ACT164E Datasheet HTML 9Page - Texas Instruments CD74ACT164E Datasheet HTML 10Page - Texas Instruments CD74ACT164E Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
4.7 Switching Specifications
Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
VCC (V)
-40°C TO 85°C
-55°C TO 125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
tPLH, tPHL
Propagation Delay, CP to Qn
1.5
-
-
143
-
-
157
ns
3.3 (1)
4.5
-
15.9
4.4
-
17.5
ns
5 (2)
3.2
-
11.4
3.1
-
12.5
ns
tPLH, tPHL
Propagation Delay, MR to Qn
1.5
-
-
158
-
-
174
ns
3.3
5
-
17.7
4.9
-
19.5
ns
5
3.6
-
12.6
3.5
-
13.9
ns
CI
Input Capacitance
-
-
-
10
-
-
10
pF
CPD (3)
Power Dissipation Capacitance
-
-
150
-
-
150
-
pF
ACT TYPES
tPLH, tPHL
Propagation Delay, CP to Qn
5 (2)
3.8
-
13.5
3.7
-
14.9
ns
tPLH, tPHL
Propagation Delay, MR to Qn
5
4.1
-
14.4
4
-
15.8
ns
CI
Input Capacitance
-
-
-
10
-
-
10
pF
CPD
(3)
Power Dissipation Capacitance
-
-
150
-
-
150
-
pF
(1)
3.3V Min at 3.6V, Max at 3V.
(2)
5V Min at 5.5V, Max at 4.5V.
(3)
CPD is used to determine the dynamic power consumption per device.
www.ti.com
CD54AC164, CD74AC164, CD54ACT164, CD74ACT164
SCHS240D – NOVEMBER 1998 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54AC164 CD74AC164 CD54ACT164 CD74ACT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com