Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT164E Datasheet(PDF) 10 Page - Texas Instruments

Part # CD74ACT164E
Description  CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT164E Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74ACT164E Datasheet HTML 6Page - Texas Instruments CD74ACT164E Datasheet HTML 7Page - Texas Instruments CD74ACT164E Datasheet HTML 8Page - Texas Instruments CD74ACT164E Datasheet HTML 9Page - Texas Instruments CD74ACT164E Datasheet HTML 10Page - Texas Instruments CD74ACT164E Datasheet HTML 11Page - Texas Instruments CD74ACT164E Datasheet HTML 12Page - Texas Instruments CD74ACT164E Datasheet HTML 13Page - Texas Instruments CD74ACT164E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
specification will result in excessive power consumption and could cause oscillations. More details can be found
in the Implications of Slow or Floating CMOS Inputs application report.
Do not leave TTL-compatible CMOS inputs floating at any time during operation. Unused inputs must be
terminated at VCC or GND. If a system will not be actively driving an input at all times, a pull-up or pull-down
resistor can be added to provide a valid input voltage during these times. The resistor value will depend on
multiple factors; however, a 10kΩ resistor is recommended and typically will meet all requirements.
6.4 Device Functional Modes
Table 6-1 lists the functional modes of the CDx4AC(T)164.
Table 6-1. Function Table
INPUTS(1)
FUNCTION
A
B
CLR
CLK
X
X
L
X
Shift register is cleared.
L
X
H
↑
First stage of the shift register goes low.
Other stages store the data of previous stage, respectively.
X
L
H
↑
First stage of the shift register goes low.
Other stages store the data of previous stage, respectively.
H
H
H
↑
First stage of the shift register goes high.
Other stages store the data of previous stage, respectively.
(1)
H = High Voltage Level, L = Low Voltage Level, X = Do Not Care
CD54AC164, CD74AC164, CD54ACT164, CD74ACT164
SCHS240D – NOVEMBER 1998 – REVISED OCTOBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC164 CD74AC164 CD54ACT164 CD74ACT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com