Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C451FN Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C451FN
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C451FN Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL16C451FN Datasheet HTML 11Page - Texas Instruments TL16C451FN Datasheet HTML 12Page - Texas Instruments TL16C451FN Datasheet HTML 13Page - Texas Instruments TL16C451FN Datasheet HTML 14Page - Texas Instruments TL16C451FN Datasheet HTML 15Page - Texas Instruments TL16C451FN Datasheet HTML 16Page - Texas Instruments TL16C451FN Datasheet HTML 17Page - Texas Instruments TL16C451FN Datasheet HTML 18Page - Texas Instruments TL16C451FN Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
15
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
accessible registers
The system programmer, using the CPU, has access to and control over any of the ACE registers that are
summarized in Table 3. These registers control ACE operations, receive data, and transmit data. Descriptions
of these registers are given in Table 3.
Table 3. Summary of Accessible Registers
REGISTER ADDRESS
O DLAB = 0
O DLAB = 0
1 DLAB = 0
2
3
4
5
6
7
O DLAB = 1
1 DLAB = 1
Bit
Receiver
Transmitter
Interrupt
Bit
No.
Buffer
Holding
Interrupt
p
Ident.
Line
Modem
Line
Modem
Scratch
Divisor
Latch
No.
Register
g
Register
p
Enable
Register
Control
Control
Status
Status
Scratch
Register
Latch
Latch
(MSB)
(Read
(Write
Register
(Read
Register
Register
Register
Register
Register
(LSB)
(MSB)
Only)
Only)
Only)
RBR
THR
IER
IIR
LCR
MCR
LSR
MSR
SCR
DLL
DLM
Enable
Word
Enable
Received
“0” If
Word
Length
Data
Data
Delta
0
Data Bit 0†
Data Bit 0
ece ed
Data
“0” If
Interrupt
Length
Select
Terminal
Data
Ready
Clear
Bit 0
Bit 0
Bit 8
0
Data Bit 0†
Data Bit 0
Available
Interrupt
Pending
Select
Bit 0
Ready
Ready
(DR)
to Send
Bit 0
Bit 0
Bit 8
Interrupt
Pending
Bit 0
(WLSO)
(DTR)
(DR)
(DCTS)
(ERBF)
(WLSO)
Enable
Enable
Transmitter
Word
Delta
as
e
Holding
Interrupt
Length
Request
Overrun
Data
1
Data Bit 1
Data Bit 1
g
Register
ID
g
Select
q
to Send
Error
Set
Bit 1
Bit 1
Bit 9
g
Empty
Bit (0)
Bit 1
(RTS)
(OE)
Ready
Interrupt
(WLS1)
(DDSR)
(ETBE)
Enable
Trailing
Receiver
Interrupt
Number of
Parity
Trailing
Edge Ring
2
Data Bit 2
Data Bit 2
Line Status
ID
Stop Bits
Out 1
y
Error
Edge Ring
Indicator
Bit 2
Bit 2
Bit 10
Interrupt
Bit (1)
(STB)
(PE)
Indicator
(TERI)
(ELSI)
(TERI)
Enable
Delta
Enable
Modem
Parity
Out 2
Framing
Receive
Li
3
Data Bit 3
Data Bit 3
ode
Status
0
Parity
Enable
Out 2
(Interrupt
Framing
Error
Line
Signal
Bit 3
Bit 3
Bit 11
Interrupt
(EDSSI)
(PEN)
Enable)
(FE)
Signal
Detect
(EDSSI)
Detect
(DRLSD)
Even
Bk
Clear
4
Data Bit 4
Data Bit 4
0
0
Even
Parity
Loop
Break
Interrupt
Clear
to
Bit 4
Bit 4
Bit 12
4
Data Bit 4
Data Bit 4
0
0
y
Select
Loop
Interrupt
(BI)
Send
Bit 4
Bit 4
Bit 12
(EPS)
(BI)
(CTS)
Transmit-
Data
5
Data Bit 5
Data Bit 5
0
0
Stick
0
ter
Holding
Data
Set
Bit 5
Bit 5
Bit 13
5
Data Bit 5
Data Bit 5
0
0
Parity
0
Holding
Register
Ready
(DSR)
Bit 5
Bit 5
Bit 13
g
(THRE)
(DSR)
S
Transmit-
ter
Ring
6
Data Bit 6
Data Bit 6
0
0
Set
Break
0
ter
Empty
Ring
Indicator
(RI)
Bit 6
Bit 6
Bit 14
Break
y
(TEMT)
(RI)
Divisor
Receive
7
Data Bit 7
Data Bit 7
0
0
Latch
Access
0
0
Line
Signal
Bit 7
Bit 7
Bit 15
7
Data Bit 7
Data Bit 7
0
0
Access
Bit
0
0
Signal
Detect
Bit 7
Bit 7
Bit 15
(DLAB)
(RLSD)
† Bit 0 is the least significant bit. It is the first bit serially transmitted or received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com