Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C451FN Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C451FN
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C451FN Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL16C451FN Datasheet HTML 13Page - Texas Instruments TL16C451FN Datasheet HTML 14Page - Texas Instruments TL16C451FN Datasheet HTML 15Page - Texas Instruments TL16C451FN Datasheet HTML 16Page - Texas Instruments TL16C451FN Datasheet HTML 17Page - Texas Instruments TL16C451FN Datasheet HTML 18Page - Texas Instruments TL16C451FN Datasheet HTML 19Page - Texas Instruments TL16C451FN Datasheet HTML 20Page - Texas Instruments TL16C451FN Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
TL16C451, TL16C452
ASYNCHRONOUS COMMUNICATIONS ELEMENTS
SLLS053C – MAY 1989 – REVISED AUGUST 1999
17
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interrupt identification register (IIR)
The ACE has an on-chip interrupt generation and prioritization capability that permits a flexible interface with
most microprocessors.
The ACE provides four prioritized levels of interrupts:
D Priority 1 – Receiver line status (highest priority)
D Priority 2 – Receiver data ready or receiver character time out
D Priority 3 –Transmitter holding register empty
D Priority 4–Modem status (lowest priority)
When an interrupt is generated, the IIR indicates that an interrupt is pending and indicates the type of interrupt
in its three least significant bits (bits 0, 1, and 2). The contents of this register are summarized in Table 3 and
described in Table 4.
D Bit 0: This bit can be used either in a hardwire prioritized or polled interrupt system. When this bit is cleared,
an interrupt is pending. When bit 0 is set, no interrupt is pending.
D Bits 1 and 2: These two bits identify the highest priority interrupt pending as indicated in Table 4.
D Bits 3 – 7: These bits in the interrupt identification register are not used and are always clear.
Table 4. Interrupt Control Functions
INTERRUPT
IDENTIFICATION
PRIORITY
INTERRUPT TYPE
INTERRUPT SOURCE
INTERRUPT RESET
REGISTER
LEVEL
INTERRUPT TYPE
INTERRUPT SOURCE
METHOD
BIT 2
BIT 1
BIT 0
0
0
1
None
None
None
Overrun error, parity error,
Reading the line status
1
1
0
1
Receiver line status
,y
,
framing error or break
Reading the line status
register
g
interrupt
register
1
0
0
2
Received data available
Receiver data available
Reading the receiver buffer
1
0
0
2
Received data available
Receiver data available
g
register
Reading the interrupt
Transmitter holding register
Transmitter holding register
g
Identification register (if
0
1
0
3
Transmitter holding register
empty
Transmitter holding register
empty
g(
source of interrupt) or writing
empty
empty
)g
into the transmitter holding
g
register
Clear to send, data set
Reading the modem status
0
0
0
4
Modem status
ready, ring indicator, or data
Reading the modem status
register
carrier detect
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com