Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS450 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # FS450
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button FS450 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
17
COPYRIGHT
©
© 1999,2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
Function
Reg.
Bit #
Name
Type
Reset Value
HSync Starting Edge
20
7-0
HSOUTST7-0
R/W
00
21
2-0
HSOUTST10-8
R/W
00
HSync Ending Edge
22
7-0
HSOUTEND7-0
R/W
00
23
2-0
HSOUTEND10-8
R/W
00
Flicker Filter Sharpness
24
4-0
SHP4-0
R/W
00
25
-
-
-
00
Flicker Filter
26
4-0
FLK4-0
R/W
00
27
-
-
-
00
Part Revision
32
7-0
REV7-0
R/W
01
33
7-0
REV15-8
R/W
00
Misc Register
34
7-0
MISC7-0
R/W
00
35
7-0
MISC15-8
R/W
80
FIFO Status Port Full/FIFO Status Port Empty
36
7-0
FIFOF7-0
R/W
00
37
7-0
FIFOE7-0
R/W
00
FIFO Latency
38
7-0
FIFOL7-0
R/W
00
39
7-0
FIFOL15-8
R/W
00
VSync Pulse Width
3A
7-0
VSOUTWID7-0
R/W
00
3B
2-0
VSOUTWID10-8
R/W
00
VSync Starting Edge
3C
7-0
VSOUTST7-0
R/W
00
3D
2-0
VSOUTST10-8
R/W
00
VSync Ending Edge
3E
7-0
VSOUTEND7-0
R/W
00
3F
2-0
VSOUTEND10-8
R/W
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com