Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS450 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # FS450
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button FS450 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 19Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 20Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 21Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
18
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
Function
Reg.
Bit #
Name
Type
Reset Value
Chroma Frequency
40
7-0
CHR_FREQ31-24
R/W
21 (569,408,543.)
41
7-0
CHR_FREQ23-16
R/W
F0
42
7-0
CHR_FREQ15-8
R/W
7C
43
7-0
CHR_FREQ7-0
R/W
1F
Chroma Phase, Miscellaneous Bits 45
44
7-0
CHR_PHASE7-0
R/W
00
45
1,0
MISC45
R/W
00
Miscellaneous Bits 46, 47
46
7-0
MISC46
R/W
05
47
3-0
MISC47
R/W
00
HSync Width, Burst Width
48
7-0
HSYNC_WID7-0
R/W
7E (126.)
49
6-0
BURST_WID6-0
R/W
44 (68.)
Backporch Width, CB Burst Level
4A
7-0
BPORCH7-0
R/W
76 (118.)
4B
7-0
CB_BURST7-0
R/W
3B (59.)
CR Burst Level, Miscellaneous Bits 4D
4C
7-0
CR_BURST7-0
R/W
00
4D
1-0
MISC4D
R/W
00
Black Level
4E
7-0
BLACK_LVL9-2
R/W
86 (282.)
4F
1-0
BLACK_LVL1-0
R/W
02
Blank Level
50
7-0
BLANK_LVL9-2
R/W
3C (240.)
51
1-0
BLANK_LVL1-0
R/W
00
Number Lines
57
7-0
LINE_FRAME9-2
R/W
83 (525.)
58
1-0
LINE_FRAME1-0
R/W
01
White Level
5E
7-0
WHITE_LVL9-2
R/W
C8 (800.)
5F
1-0
WHITE_LVL1-0
R/W
00
Cb Gain
60
7-0
CB_GAIN7-0
R/W
22 (137.)
61
-
-
R/W
01
Cr Gain
62
7-0
CR_GAIN7-0
R/W
22 (137.)
63
-
-
R/W
01
Chroma Tint Adjustment
64
-
-
R/W
00
65
7-0
TINT7-0
R/W
00
Status Port
68
-
-
R/W
00
69
4-0
BREEZE_WAY4-0
R/W
16 (22.)
Status Port
6C
5-0
FRNT_PORCH5-0
R/W
20 (32.)
6D
-
-
R/W
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com