Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS450 Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # FS450
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS450 Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button FS450 Datasheet HTML 52Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 53Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 54Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 55Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 56Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 57Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 58Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 59Page - List of Unclassifed Manufacturers FS450 Datasheet HTML 60Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
56
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
8.2 Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply Currents
IDD3
3.3 volt Digital current
VGA Core
Clock=50MHz
165
mA
IDDDA
3.3 volt Analog current
RL=37.5
Ω
85
105
mA
IDDDA
3.3 volt Analog DAC current
RL=75
Ω
45
mA
IDDOSC
3.3 volt Crystal Oscillator current
15
IDDDPA
3.3 volt VGA PLL current
5
IDDT
3.3 volt Total Current
270
mA
LVTTL Inputs and Outputs
CI
Input Capacitance
5
10
pF
CO
Output Capacitance
5
10
pF
IIH
Input Current, HIGH
VDD3 = 3.3
± 0.3V,
VIN = max.
±10
µA
IIL
Input Current, LOW
VDD3 = 3.3
± 0.3V,
VIN = 0 V
±10
µA
IILP
Input Current, LOW with pull-up
VDD3 = 3.3
± 0.3V,
VIN = 0 V
-60
-10
µA
VIH
Input Voltage, Logic HIGH
2.0
V
VIL
Input Voltage, Logic LOW
0.8
V
IOH
Output Current, Logic HIGH
-4.0
mA
IOL
Output Current, Logic LOW
4.0
mA
VOH
Output Voltage, HIGH
IOH = -4mA
2.4
V
VOL
Output Voltage, LOW
IOL = 4mA
0.4
V
GTL Inputs and Outputs
CI
Input Capacitance
4
8
pF
CO
Output Capacitance
4
8
pF
IIH
Input Current, HIGH
VDD3 = 3.3
± 0.3V,
VIN = max.
±10
µA
IIL
Input Current, LOW
VDD3 = 3.3
± 0.3V,
VIN = 0 V
±10
µA
VIH
Input Voltage, Logic HIGH
VREF+.2
V
VIL
Input Voltage, Logic LOW
VREF-.2
V
VREF
Voltage Reference Range
TBD
0.9
TBD
V
IOH
Output Current, Logic HIGH1
-10
µA
IOL
Output Current, Logic LOW1
45.0
mA
VOL
Output Voltage, LOW
IOL = 45mA
0.12
0.20
0.34
V
Analog
VIREF
DAC Current Reference Voltage
1.15
1.276
1.40
V
VOC
Video Output Compliance
-0.4
2
V
ROUT
Video Output Resistance
15
K
Ω
COUT
Video Output Capacitance
COUT = 0 mA,
Freq. = 1 MHz
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com