Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40262 Datasheet(PDF) 24 Page - Microchip Technology

Part # ZL40262
Description  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 Datasheet(HTML) 24 Page - Microchip Technology

Back Button ZL40262 Datasheet HTML 20Page - Microchip Technology ZL40262 Datasheet HTML 21Page - Microchip Technology ZL40262 Datasheet HTML 22Page - Microchip Technology ZL40262 Datasheet HTML 23Page - Microchip Technology ZL40262 Datasheet HTML 24Page - Microchip Technology ZL40262 Datasheet HTML 25Page - Microchip Technology ZL40262 Datasheet HTML 26Page - Microchip Technology ZL40262 Datasheet HTML 27Page - Microchip Technology ZL40262 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ZL40262
DS20006843A-page 24
2024 Microchip Technology Inc. and its subsidiaries.
FIGURE 3-5:
Differential Measurement Points for Ringback.
FIGURE 3-6:
PCIe Test Circuit.
OUTx_p - OUTx_n
DUT
15 dB loss at 4 GHz
2 pF 5%
2 pF 5%
CK
CK#
Di eren al PCB trace
ZDIFF = 100 ±10%
Refclk Margins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com