Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL40262 Datasheet(PDF) 1 Page - Microchip Technology

Part # ZL40262
Description  Two Output Ultra-Low Additive Phase Noise PCIe
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL40262 Datasheet(HTML) 1 Page - Microchip Technology

  ZL40262 Datasheet HTML 1Page - Microchip Technology ZL40262 Datasheet HTML 2Page - Microchip Technology ZL40262 Datasheet HTML 3Page - Microchip Technology ZL40262 Datasheet HTML 4Page - Microchip Technology ZL40262 Datasheet HTML 5Page - Microchip Technology ZL40262 Datasheet HTML 6Page - Microchip Technology ZL40262 Datasheet HTML 7Page - Microchip Technology ZL40262 Datasheet HTML 8Page - Microchip Technology ZL40262 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
2024 Microchip Technology Inc. and its subsidiaries.
DS20006843A-page 1
Features
• One Differential Input which Accepts Any Differen-
tial Format
• Two Differential HCSL Outputs
• Ultra-Low Additive Jitter: 32 fs (in 12 kHz to
20 MHz Integration Band at 400 MHz Clock Fre-
quency)
• Supports Clock Frequencies from 0 MHz to
400 MHz
• Supports 2.5V or 3.3V Power Supplies for HCSL
Outputs
• Embedded Low Drop Out (LDO) Voltage Regula-
tor Provides Superior Power Supply Noise Rejec-
tion
• Maximum Output to Output Skew of 50 ps
• Individual Output Enable Pin for Each Differential
Pair
• Transfers Spread-Spectrum without Attenuation
Applications
• PCI Express Generation 1/2/3/4/5 Clock Distribu-
tion
• UPI/QPI Clock Distribution
• Low Jitter Clock Trees
• Logic Translation
• Clock and Data Signal Restoration
• High Performance Microprocessor Clock Distribu-
tion
• Test Equipment
FIGURE 0-1:
Functional Block Diagram.
ZL40262
Two Output Ultra-Low Additive Phase Noise PCIe,
Gen 1 to 5, and UPI/QPI Fanout Buffer


Similar Part No. - ZL40262

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40260 MICROSEMI-ZL40260 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260LDF1 MICROSEMI-ZL40260LDF1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260LDG1 MICROSEMI-ZL40260LDG1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260QGF1 MICROSEMI-ZL40260QGF1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
ZL40260QGG1 MICROSEMI-ZL40260QGG1 Datasheet
882Kb / 21P
Low Skew, Low Additive Jitter 2 x10 LVPECL Fanout Buffer
September 2017
More results

Similar Description - ZL40262

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-708 VECTRON-VC-708 Datasheet
279Kb / 7P
Ultra Low Phase Noise
logo
Integrated Device Techn...
IDT8P34S1102I IDT-IDT8P34S1102I Datasheet
292Kb / 18P
Two low skew, low additive jitter LVDS output pairs
651S IDT-651S Datasheet
222Kb / 12P
Low additive phase jitter RMS
logo
Crystek Corporation
CVHD-575 CRYSTEKCRYSTAL-CVHD-575 Datasheet
260Kb / 2P
Ultra-Low Phase Noise
logo
M/A-COM Technology Solu...
MLPNC-7102 MA-COM-MLPNC-7102 Datasheet
637Kb / 5P
Ultra-Low Phase Noise
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
Ultra-Low Phase Noise
MLPNC-7100 MA-COM-MLPNC-7100 Datasheet
648Kb / 5P
Ultra-Low Phase Noise
logo
CRYSTEK CORPORATION
CVHD-575 CRYSTEKMICROWAVE-CVHD-575_17 Datasheet
493Kb / 3P
Ultra-Low Phase Noise
CVHD-950 CRYSTEKMICROWAVE-CVHD-950_17 Datasheet
580Kb / 3P
Ultra-Low Phase Noise
logo
Microsemi Corporation
ZL40293 MICROSEMI-ZL40293 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com