Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1106 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB1106
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1106 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB1106 Datasheet HTML 1Page - Texas Instruments TUSB1106 Datasheet HTML 2Page - Texas Instruments TUSB1106 Datasheet HTML 3Page - Texas Instruments TUSB1106 Datasheet HTML 4Page - Texas Instruments TUSB1106 Datasheet HTML 5Page - Texas Instruments TUSB1106 Datasheet HTML 6Page - Texas Instruments TUSB1106 Datasheet HTML 7Page - Texas Instruments TUSB1106 Datasheet HTML 8Page - Texas Instruments TUSB1106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TUSB1106-Q1
www.ti.com
SCAS916
– AUGUST 2011
lines. The internal circuits of the TUSB1106-Q1 ensure that virtually no current (maximum 10
μA) is drawn via
the D+ and D
– lines. The power consumption through VCC(I/O) drops to the low-power (suspended) state level.
Both the VP and VM pins are driven HIGH to indicate this mode. Pin RCV is made LOW. Some hysteresis is
built into the detection of Vreg(3.3) lost.
Table 2. Pin States in Disable or Sharing Mode
PINS
DISABLE-MODE STATE
SHARING-MODE STATE
VCC(5.0)/Vreg(3.3)
5-V input/3.3-V output, 3.3-V input/3.3-V input
Not present
VCC(I/O)
Not present
1.65-V to 3.6-V input
Vpu(3.3)
High impedance (off)
High impedance (off)
D+, D
–
High impedance
High impedance
VP, VM
Invalid(1)
H
RCV
Invalid(2)
L
Inputs (VO/VPO, FSE0/VMO, SPEED,
High impedance
High impedance
SUSPND, OE, SOFTCON)
(1)
High impedance or driven LOW
(2)
High impedance or driven LOW
Table 3. Power-Supply Configuration Overview
VCC(5.0) or Vreg(3.3)
VCC(I/O)
CONFIGURATION
SPECIAL CHARACTERISTICS
Connected
Connected
Normal mode
D+, D
–, and Vpu(3.3) are in high impedance.
Connected
Not connected
Disable mode
VP, VM, and RCV are invalid.(1)
D+, D
–, and Vpu(3.3) are in high impedance.
Not connected
Connected
Sharing mode
VP and VM are driven HIGH. RCV is driven LOW.
(1)
High impedance or driven LOW
Power-Supply Input Options
The TUSB1106-Q1 has two power-supply input options.
•
Internal regulator
– VCC(5.0) is connected to 4 V to 5.5 V. The internal regulator is used to supply the internal
circuitry with 3.3 V (nominal). Vreg(3.3) becomes a 3.3-V output reference.
•
Regulator bypass
– VCC(5.0) and Vreg(3.3) are connected to the same supply. The internal regulator is bypassed
and the internal circuitry is supplied directly from the Vreg(3.3) power supply. The voltage range is
3 V to 3.6 V to comply with the USB specification.
The supply-voltage range for each input option is specified in Table 4.
Table 4. Power-Supply Input Options
INPUT OPTION
VCC(5.0)
VREG(3.3)
VCC(I/O)
Supply input for internal regulator
Voltage-reference output
Supply input for digital I/O pins
Internal regulator
(4 V to 5.5 V)
(3.3 V, 300
μA)
(1.65 V to 3.6 V)
Connected to Vreg(3.3) with
Supply input
Supply input for digital I/O pins
Regulator bypass
maximum voltage drop of 0.3 V
(3 V to 3.6 V)
(1.65 V to 3.6 V)
(2.7 V to 3.6 V)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TUSB1106-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com