Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB9261IPVP Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB9261IPVP
Description  TUSB9261 USB 3.0 to SATA Bridge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9261IPVP Datasheet(HTML) 4 Page - Texas Instruments

  TUSB9261IPVP Datasheet HTML 1Page - Texas Instruments TUSB9261IPVP Datasheet HTML 2Page - Texas Instruments TUSB9261IPVP Datasheet HTML 3Page - Texas Instruments TUSB9261IPVP Datasheet HTML 4Page - Texas Instruments TUSB9261IPVP Datasheet HTML 5Page - Texas Instruments TUSB9261IPVP Datasheet HTML 6Page - Texas Instruments TUSB9261IPVP Datasheet HTML 7Page - Texas Instruments TUSB9261IPVP Datasheet HTML 8Page - Texas Instruments TUSB9261IPVP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TUSB9261
SLLSE67I – MARCH 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TUSB9261
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Signal Descriptions – I/O Definitions
I/O TYPE
DESCRIPTION
I
Input
O
Output
I/O
Input/output
PU
Internal pullup resistor
PD
Internal pulldown resistor
PWR
Power signal
Clock and Reset Signals
PIN
I/O
DESCRIPTION
NAME
NO.
GRSTz
4
I
PU
Global power reset. This reset brings all of the TUSB9261 internal registers to their default
states. When GRSTz is asserted, the device is completely nonfunctional.
XI
52
I
Crystal input. This terminal is the crystal input for the internal oscillator. The input may alternately
be driven by the output of an external oscillator. When using a crystal, a 1-M
Ω feedback resistor
is required between X1 and XO.
XO
54
O
Crystal output. This terminal is the crystal output for the internal oscillator. If XI is driven by an
external oscillator, this pin may be left unconnected. When using a crystal, a 1-M
Ω feedback
resistor is required between X1 and XO.
FREQSEL[1:0]
31, 30
I
PU
Frequency select. These terminals indicate the oscillator input frequency and are used to
configure the correct PLL multiplier. The field encoding is as follows:
FREQSEL[1]
FREQSEL[0]
INPUT CLOCK FREQUENCY
1
1
40 MHz
(1)
Note that the default firmware and reference design for the TUSB9261 have the SATA TXP/TXM swapped for ease of routing in the
reference design. If you plan to use the TI default firmware please review the reference design in the TUSB9261 DEMO User’s Guide
(SLLU139) for proper SATA connection.
SATA Interface Signals(1)
PIN
I/O
DESCRIPTION
NAME
NO.
SATA_TXP
57
O
Serial ATA transmitter differential pair (positive)
SATA_TXM
56
O
Serial ATA transmitter differential pair (negative)
SATA_RXP
60
I
Serial ATA receiver differential pair (positive)
SATA_RXM
59
I
Serial ATA receiver differential pair (negative)
USB Interface Signals
PIN
I/O
DESCRIPTION
NAME
NO.
USB_SSTXP
43
O
SuperSpeed USB transmitter differential pair (positive)
USB_SSTXM
42
O
SuperSpeed USB transmitter differential pair (negative)
USB_SSRXP
46
I
SuperSpeed USB receiver differential pair (positive)
USB_SSRXM
45
I
SuperSpeed USB receiver differential pair (negative)
USB_DP
36
I/O
USB high-speed differential transceiver (positive)
USB_DM
35
I/O
USB high-speed differential transceiver (negative)
USB_VBUS
50
I
USB bus power
USB_R1
38
O
Precision resistor reference. A 10-k
Ω ±1% resistor should be connected between R1 and R1RTN.
USB_R1RTN
39
I
Precision resistor reference return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com