Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB9261IPVP Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB9261IPVP
Description  TUSB9261 USB 3.0 to SATA Bridge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9261IPVP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB9261IPVP Datasheet HTML 4Page - Texas Instruments TUSB9261IPVP Datasheet HTML 5Page - Texas Instruments TUSB9261IPVP Datasheet HTML 6Page - Texas Instruments TUSB9261IPVP Datasheet HTML 7Page - Texas Instruments TUSB9261IPVP Datasheet HTML 8Page - Texas Instruments TUSB9261IPVP Datasheet HTML 9Page - Texas Instruments TUSB9261IPVP Datasheet HTML 10Page - Texas Instruments TUSB9261IPVP Datasheet HTML 11Page - Texas Instruments TUSB9261IPVP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
TUSB9261
SLLSE67I – MARCH 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TUSB9261
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.5 DC Electrical Characteristics for 3.3-V Digital I/O
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
TR
Rise time
5 pF
1.5
ns
TF
Fall time
5 pF
1.53
ns
IOL
Low-level output current
VDD33 = 3.3 V, TJ = 25°C
6
mA
IOH
High-level output current
VDD33 = 3.3 V, TJ = 25°C
–6
mA
VOL
Low-level output voltage
IOL = 2 mA
0.4
V
VOH
High-level output voltage
IOL = –2 mA
2.4
V
VO
Output voltage
0
VDD33
V
RECEIVER
VI
Input voltage
0
VDD33
V
VIL
Low-level input voltage
0
0.8
V
VIH
High-level input voltage
2
V
Vhys
Input hysteresis
200
mV
tT
Input transition time (TR and TF)
10
ns
II
Input current
VI = 0 V to VDD33
5
µA
CI
Input capacitance
VDD33 = 3.3 V, TJ = 25°C
0.384
pF
(1)
Transferring data by SS USB to a SSD SATA Gen II device. No SATA power management, U0 only.
(2)
SATA Gen II SSD attached no active transfer. No SATA power management, U3 only.
(3)
All 3.3-V power rails connected together.
6.6 SuperSpeed USB Power Consumption
POWER RAIL
TYPICAL ACTIVE CURRENT (mA)(1)
TYPICAL SUSPEND CURRENT (mA)(2)
VDD11
291
153
VDD33(3)
65
28
(1)
Transferring data via HS USB to a SSD SATA Gen II device. No SATA power management.
(2)
SATA Gen II SSD attached no active transfer. No SATA power management.
(3)
All 3.3-V power rails connected together.
6.7 High-Speed USB Power Consumption
POWER RAIL
TYPICAL ACTIVE CURRENT (mA)(1)
TYPICAL SUSPEND CURRENT (mA)(2)
VDD11
172
153
VDD33(3)
56
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com