Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB9261IPVP Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB9261IPVP
Description  TUSB9261 USB 3.0 to SATA Bridge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9261IPVP Datasheet(HTML) 1 Page - Texas Instruments

  TUSB9261IPVP Datasheet HTML 1Page - Texas Instruments TUSB9261IPVP Datasheet HTML 2Page - Texas Instruments TUSB9261IPVP Datasheet HTML 3Page - Texas Instruments TUSB9261IPVP Datasheet HTML 4Page - Texas Instruments TUSB9261IPVP Datasheet HTML 5Page - Texas Instruments TUSB9261IPVP Datasheet HTML 6Page - Texas Instruments TUSB9261IPVP Datasheet HTML 7Page - Texas Instruments TUSB9261IPVP Datasheet HTML 8Page - Texas Instruments TUSB9261IPVP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
USB SS
PHY
USB HS/FS
PHY
USB 3.0
Device
Controller
ARM
Cortex M3
ROM
RAM
64 kB
Watchdog
Timer
Timer
SCI
(UART)
GPIO
PWM
SATA II
PHY
SATA
AHCI
SPI
GRSTz
VDD3.3
VDD1.1
Power
and
Reset
Distribution
Clock
Generation
XI
X0
JTAG
TCK
TMS
TDO
TDI
TRST
Data Path
RAM
80 kB
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB9261
SLLSE67I – MARCH 2011 – REVISED MARCH 2016
TUSB9261 USB 3.0 to SATA Bridge
1
1 Features
1
•
Universal Serial Bus (USB)
–
SuperSpeed USB 3.0 Compliant – TID
340730020
–
Integrated Transceiver Supports SS/HS/FS
Signaling
–
Best-in-Class Adaptive Equalizer
–
Allows for Greater Jitter Tolerance in the
Receiver
–
USB Class Support
–
USB Attached SCSI Protocol (UASP)
–
USB Mass Storage Class Bulk-Only
Transport (BOT)
–
Support for Error Conditions Per the 13
Cases (Defined in the BOT Specification)
–
USB Bootability Support
–
USB Human Interface Device (HID)
–
Supports Firmware Update Via USB, Using a
TI Provided Application
•
SATA Interface
–
Serial ATA Specification Revision 2.6
–
Gen1i, Gen1m, Gen2i, and Gen2m
–
Support for Mass-Storage Devices Compatible
With the ATA/ATAPI-8 Specification
•
Integrated ARM Cortex M3 Core
–
Customizable Application Code Loaded from
EEPROM by SPI Interface
–
Two Additional SPI Port Chip Selects for
Peripheral Connection
–
Up to 12 GPIOs for End-User Configuration
–
Two GPIOs have PWM Functionality for
LED Blink Speed Control
–
Serial Communications Interface for Debug
(UART)
•
General Features
–
Integrated Spread Spectrum Clock Generation
Enables Operation from a Single Low-Cost
Crystal or Clock Oscillator
–
Supports 40 MHz
–
A JTAG Interface is Used for IEEE1149.1 and
IEEE1149.6 Boundary Scan
–
Available in a Fully RoHS-Compliant Package
2 Applications
•
External HDD/SSD
•
External DVD
•
External CD
•
HDD-Based Portable Media Player
3 Description
The
TUSB9261
is
an
ARM®
Cortex®
M3
microcontroller based USB 3.0 to serial ATA bridge. It
provides the necessary hardware and firmware to
implement a USB attached SCSI protocol (UASP)-
compliant mass storage device suitable for bridging
hard disk drives (HDD), solid state disk drives (SSD),
optical drives, and other compatible SATA 1.5-Gbps
or SATA 3.0-Gbps devices to a USB 3.0 bus. In
addition to UASP support, the firmware implements
the mass storage class BOT and USB HID interfaces.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB9261
HTQFP (64)
7.00 × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TUSB9261IPVP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9261IPVP TI1-TUSB9261IPVP Datasheet
247Kb / 25P
USB 3.0 TO SATA BRIDGE
TUSB9261IPVP TI2-TUSB9261IPVP Datasheet
697Kb / 29P
TUSB9261 USB 3.0 to SATA Bridge
REVISED MARCH 2016
TUSB9261IPVP.A TI2-TUSB9261IPVP.A Datasheet
697Kb / 29P
TUSB9261 USB 3.0 to SATA Bridge
REVISED MARCH 2016
TUSB9261IPVPG4 TI2-TUSB9261IPVPG4 Datasheet
697Kb / 29P
TUSB9261 USB 3.0 to SATA Bridge
REVISED MARCH 2016
TUSB9261IPVPG4.A TI2-TUSB9261IPVPG4.A Datasheet
697Kb / 29P
TUSB9261 USB 3.0 to SATA Bridge
REVISED MARCH 2016
More results

Similar Description - TUSB9261IPVP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB9260 TI-TUSB9260 Datasheet
95Kb / 13P
USB 3.0 TO SATA BRIDGE Data Manual
TUSB9260 TI-TUSB9260_10 Datasheet
154Kb / 21P
USB 3.0 TO SATA BRIDGE
TUSB9260_101 TI-TUSB9260_101 Datasheet
181Kb / 21P
USB 3.0 TO SATA BRIDGE
logo
fujitsu semiconductor
MB86C31 FUJITSU-MB86C31 Datasheet
914Kb / 2P
USB 3.0-SATA Bridge IC
logo
Texas Instruments
TUSB9261 TI-TUSB9261 Datasheet
259Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
GENESYS LOGIC
GL3321G GENESYS-GL3321G Datasheet
144Kb / 5P
USB 3.0 to SATA 6Gb/s Bridge Controller Product Overview
logo
Texas Instruments
TUSB9261IPVP TI1-TUSB9261IPVP Datasheet
247Kb / 25P
USB 3.0 TO SATA BRIDGE
logo
List of Unclassifed Man...
PL2775 ETC2-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
logo
Texas Instruments
TUSB9261-Q1 TI1-TUSB9261-Q1 Datasheet
934Kb / 24P
USB 3.0 TO SATA BRIDGE
logo
Prolific Technology Inc...
PL2775 PROLIFIC-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com