Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2102IDAR Datasheet(PDF) 44 Page - Texas Instruments

Part # TSC2102IDAR
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102IDAR Datasheet(HTML) 44 Page - Texas Instruments

Back Button TSC2102IDAR Datasheet HTML 40Page - Texas Instruments TSC2102IDAR Datasheet HTML 41Page - Texas Instruments TSC2102IDAR Datasheet HTML 42Page - Texas Instruments TSC2102IDAR Datasheet HTML 43Page - Texas Instruments TSC2102IDAR Datasheet HTML 44Page - Texas Instruments TSC2102IDAR Datasheet HTML 45Page - Texas Instruments TSC2102IDAR Datasheet HTML 46Page - Texas Instruments TSC2102IDAR Datasheet HTML 47Page - Texas Instruments TSC2102IDAR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
44
The time for a complete X/Y/Z1/Z2 coordinate conversion is given by(not including the time needed to send the command
over the SPI bus):
t
coordinate +
3
t
PRE )
t
SNS )
t
PVS
125 ns
t
OSC )
4
N
AVG
N
BITS )
1
8MHz
ƒconv
) n
1 )
12
) 1
t
OSC )
33
t
OSC )
n
2
t
OSC )
n
3
t
OSC
n1 = 6 ; if ƒconv = 8 MHz
7 ; if
ƒconv ≠ 8 MHz
n2 = 4 ; if tPVS = 0 µs
0 ; if tPVS ≠ 0 µs
n3 = 0 ; if tSNS = 32 µs
3 ; if tSNS ≠ 32 µs
NOTE: The above formula is exactly valid only when the audio DAC is powered down. Also after touch detect the formula holds true from second
conversion onwards. For continuous touch and D15−D14 = 00/10/11, the high duration of the PINTDAV signal is given by tPRE + tSNS with
an oscillator clock of 8 MHz.
Programmed
for Self
Controlled
X−Y−Z1−Z2
Scan
Mode
Detecting Touch
Sample,Conversion &
Averaging for
Y−Coordinate
Reading
X−Data
Register
Reading
Y−Data
Register
Detecting
Touch
Sample,Conversion &
Averaging for
X−Coordinate
Detecting
Touch
Sample,Conversion &
Averaging for
Z1−Coordinate & Z2−Coordinate
Reading
Z1−Data
Register
Reading
Z2−Data
Register
Detecting
Touch
Sample,Conversion &
Averaging for
Y−Coordinate
Detecting
Touch
SS DEACTIVATED
(As PENIRQ
[D15−D14 = 00])
PINTDAV
(As PENIRQ & DATA_AVA
[D15−D14 = 10/11])
PINTDAV
Touch Is Detected
Touch Is Detected
Touch Is Detected
Touch Is Detected
(As DATA_AVA
[D15−D14 = 01])
PINTDAV
Touch Screen Conversion Initiated by the Host
The time needed to convert any single coordinate either X or Y under host control (not including the time needed to send
the command over the SPI bus) is given by:
t
coordinate +
t
PVS
125 ns
t
OSC )
N
AVG
N
BITS )
1
8MHz
ƒconv
) n
1 )
12
) 1
t
OSC )
14
t
OSC )
n
2
t
OSC
n1 = 6 ; if ƒconv = 8 MHz
7 ; if
ƒconv ≠ 8 MHz
n2 = 2 ; if tPVS = 0 µs
0 ; if tPVS ≠ 0 µs
NOTE: For continuous touch and D15−D14 = 00/10/11, the high duration of the PINTDAV signal is given by tPRE + tSNS with an oscillator clock of
8 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com