Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2102IDAR Datasheet(PDF) 52 Page - Texas Instruments

Part # TSC2102IDAR
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2102IDAR Datasheet(HTML) 52 Page - Texas Instruments

Back Button TSC2102IDAR Datasheet HTML 48Page - Texas Instruments TSC2102IDAR Datasheet HTML 49Page - Texas Instruments TSC2102IDAR Datasheet HTML 50Page - Texas Instruments TSC2102IDAR Datasheet HTML 51Page - Texas Instruments TSC2102IDAR Datasheet HTML 52Page - Texas Instruments TSC2102IDAR Datasheet HTML 53Page - Texas Instruments TSC2102IDAR Datasheet HTML 54Page - Texas Instruments TSC2102IDAR Datasheet HTML 55Page - Texas Instruments TSC2102IDAR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
52
De-Emphasis Error at 48 ksps
PLL PROGRAMMING
The on-chip PLL in the TSC2102 can be used to generate sampling clocks from a wide range of MCLK’s available in a
system. The PLL works by generating oversampled clocks with respect to Fsref (44.1 kHz or 48 kHz). Frequency division
generates all other internal clocks. The table below gives a sample programming for PLL registers for some standard
MCLKs when PLL is required. Whenever the MCLK is of the form of N*128*Fsref (N=2,3
…), PLL is not required.
Fsref = 44.1 kHz
MCLK (MHz)
P
J
D
ACHIEVED FSREF
% ERROR
2.8224
1
32
0
44100.00
0.0000
5.6448
1
16
0
44100.00
0.0000
12
1
7
5264
44100.00
0.0000
13
1
6
9474
44099.71
0.0007
16
1
5
6448
44100.00
0.0000
19.2
1
4
7040
44100.00
0.0000
19.68
1
4
5893
44100.30
−0.0007
48
4
7
5264
44100.00
0.0000
Fsref = 48 kHz
MCLK (MHz)
P
J
D
ACHIEVED FSREF
% ERROR
2.048
1
48
0
48000.00
0.0000
3.072
1
32
0
48000.00
0.0000
4.096
1
24
0
48000.00
0.0000
6.144
1
16
0
48000.00
0.0000
8.192
1
12
0
48000.00
0.0000
12
1
8
1920
48000.00
0.0000
13
1
7
5618
47999.71
0.0006
16
1
6
1440
48000.00
0.0000
19.2
1
5
1200
48000.00
0.0000
19.68
1
4
9951
47999.79
0.0004
48
4
8
1920
48000.00
0.0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com