Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPT-500-2-WT-R Datasheet(PDF) 16 Page - Brady Worldwide, Inc.

Part # PSPT-500-2-WT-R
Description  BMP®61 Label Printer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

PSPT-500-2-WT-R Datasheet(HTML) 16 Page - Brady Worldwide, Inc.

Back Button PSPT-500-2-WT-R Datasheet HTML 12Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 13Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 14Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 15Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 16Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 17Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 18Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 19Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 20Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Asset Tracking Materials
Polyester
B-423 Glossy Polyester Material
White polyester thermal transfer label with a glossy finish.
Widely used for component identification, barcoding,
asset and inventory tracking.
A
B
Figure 33
A
B
Figure 46
(Includes black border)
A
B
Figure 51
A
B
Figure 52
A
B
Figure 53
A
B
Figure 54
Figure 29
A
B
Diagram
Catalog Number
B-#
Material
Color
Label Width A
Inch (mm)
Label Height B
Inch (mm)
Labels
Per Row
Labels
Per Pkg
Rec.
Ribbon
Fig. 29
PTL-1-423
B-423
Polyester
White
0.250 (6.4)
0.250 (6.4)
1
750
M61-R6010
Fig. 29
PTL-3-423
B-423
Polyester
White
0.375 (9.5)
0.375 (9.5)
1
500
M61-R6010
Fig. 29
PTL-4-423
B-423
Polyester
White
0.400 (10.6)
0.400 (10.2)
1
500
M61-R6010
Fig. 29
PTL-5-423
B-423
Polyester
White
0.500 (12.7)
0.200 (5.1)
1
750
M61-R6010
Fig. 53
PTL-6-423
B-423
Polyester
White
0.500 (12.7)
0.275 (7.0)
1
750
M61-R6010
Fig. 29
PTL-7-423
B-423
Polyester
White
0.500 (12.7)
0.500 (12.7)
1
500
M61-R6010
Fig. 33
PTL-8-423
B-423
Polyester
White
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 29
PTL-9-423
B-423
Polyester
White
0.650 (16.5)
0.200 (5.1)
1
750
M61-R6010
Fig. 29
PTL-10-423
B-423
Polyester
White
0.750 (19.1)
0.250 (6.4)
1
750
M61-R6010
Fig. 29
PTL-13-423
B-423
Polyester
White
0.900 (22.9)
0.250 (6.4)
1
750
M61-R6010
Fig. 29
PTL-14-423
B-423
Polyester
White
1.000 (25.4)
0.187 (4.8)
1
750
M61-R6010
Fig. 29
PTL-15-423
B-423
Polyester
White
1.000 (25.4)
0.275 (7.0)
1
750
M61-R6010
Fig. 29
BM71-16-423
B-423
Polyester
White
1.000 (25.4)
0.375 (9.5)
1
5000
M61-R6010
Fig. 29
PTL-16-423
B-423
Polyester
White
1.000 (25.4)
0.375 (9.5)
1
500
M61-R6010
Fig. 29
BM71-17-423
B-423
Polyester
White
1.000 (25.4)
0.500 (12.7)
1
5000
M61-R6010
Fig. 29
PTL-17-423
B-423
Polyester
White
1.000 (25.4)
0.500 (12.7)
1
500
M61-R6010
Fig. 29
BM71-19-423
B-423
Polyester
White
1.000 (25.4)
1.000 (25.4)
1
2500
M61-R6010
Fig. 29
PTL-19-423
B-423
Polyester
White
1.000 (25.4)
1.000 (25.4)
1
250
M61-R6010
Fig. 29
BM71-20-423
B-423
Polyester
White
1.000 (25.4)
2.000 (50.8)
1
1000
M61-R6010
Fig. 46
PTL-24-423-BK
B-423
Polyester
White
1.130 (28.7)
0.500 (12.7)
1
500
M61-R6010
Fig. 29
PTL-25-423
B-423
Polyester
White
1.250 (31.8)
0.250 (6.4)
1
750
M61-R6010
Fig. 29
PTL-27-423
B-423
Polyester
White
1.500 (38.1)
0.125 (3.2)
1
750
M61-R6010
Fig. 29
PTL-28-423
B-423
Polyester
White
1.500 (38.1)
0.250 (6.4)
1
750
M61-R6010
Fig. 29
PTL-29-423
B-423
Polyester
White
1.500 (38.1)
0.500 (12.7)
1
500
M61-R6010
Fig. 51
PTL-30-423-CALI
B-423
Polyester
White
1.500 (38.1)
0.750 (19.1)
1
250
M61-R6010
Fig. 53
PTL-30-423-INSP
B-423
Polyester
Black on White
1.500 (38.1)
0.750 (19.1)
1
250
M61-R6010
Fig. 52
PTL-30-423-TEST
B-423
Polyester
White
1.500 (38.1)
0.750 (19.1)
1
250
M61-R6010
Fig. 29
PTL-31-423
B-423
Polyester
White
1.500 (38.1)
1.000 (25.4)
1
250
M61-R6010
Fig. 29
PTL-32-423
B-423
Polyester
White
1.500 (38.1)
1.500 (38.1)
1
250
M61-R6010
Fig. 54
PTL-35-423-PROP
B-423
Polyester
Black on Silver
1.630 (41.4)
0.750 (19.1)
1
250
M61-R6010
Fig. 29
PTL-2-423
B-423
Polyester
White
2.000 (50.8)
0.250 (6.4)
1
100
M61-R6010
Fig. 29
PTL-20-423
B-423
Polyester
White
2.000 (50.8)
1.000 (25.4)
1
100
M61-R6010
Fig. 29
PTL-26-423
B-423
Polyester
White
2.750 (69.9)
1.250 (31.8)
1
100
M61-R6010
Fig. 29
PTL-22-423
B-423
Polyester
White
3.000 (76.2)
1.000 (25.4)
1
100
M61-R6010
Fig. 29
PTL-37-423
B-423
Polyester
White
3.000 (76.2)
1.900 (48.3)
1
100
M61-R6010
Fig. 29
PTL-23-423
B-423
Polyester
White
4.000 (101.6)
1.000 (25.4)
1
100
M61-R6010
Fig. 29
PTL-38-423
B-423
Polyester
White
4.000 (101.6)
1.900 (48.3)
1
100
M61-R6010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com