Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPT-500-2-WT-R Datasheet(PDF) 19 Page - Brady Worldwide, Inc.

Part # PSPT-500-2-WT-R
Description  BMP®61 Label Printer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

PSPT-500-2-WT-R Datasheet(HTML) 19 Page - Brady Worldwide, Inc.

Back Button PSPT-500-2-WT-R Datasheet HTML 12Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 13Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 14Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 15Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 16Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 17Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 18Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 19Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 20Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
BradyID.com/bmp61
1-888-272-3946
19
Printer Specifications
*Available in select countries. Specifications subject to change without notice.
Printer:
Printer Name
BMP®61 Label Printer
Print Resolution
Thermal transfer, 300 dpi
Max Lines of Print
25
Print Speed
1.33"/sec (33.8mm/sec)
Keyboard Type*
QWERTY, AZERTY, QWERTZ, CYRILLIC
Dimensions:
12.93" L x 4.22" W x 4.19" H
(328.5 x 107.2 x 106.5 mm)
Weight
3.212 lbs (equipped with supplied media & ribbon)
Warranty
2 Year
Overmold/Rugged
Yes
Operating Temp
40° to 120° F (5° to 49° C)
Humidity
10% to 90% (non-condensing)
Storage Temp
-24° to 140° F (-30° to 60° C)
Continuous or Die Cut Labels
Continuous and die cut
Portability
Yes, via grip or strap
Features:
Memory
512 MB RAM / 256 MB Flash
User Profiles
No
Cutter Type
Manual
Cut Options
Cut between labels or at end of print job
Label Retention After Cut
No, dispensed upright
Labels Per Day (Average)
750
Battery Life Indicator
Yes
Label Odometer
(Supply Remaining)
Yes
Wearability Options
Yes, via strap
Drop Test
Drop Tested to spec MIL-STD-810G: Four foot drop
Languages*
22: Bulgarian, Croatian, Czech, Danish, Dutch, English,
Estonian, Finnish, French, German, Hungarian, Italian,
Norwegian, Polish, Portuguese, Romanian, Russian,
Slovak, Slovenian, Spanish, Swedish, Turkish
Power:
Power Supply
Rechargable NiMH battery, AC Power/battery changer
Battery Included
Yes
Battery Life
1000 labels
Rechargeable Battery
Yes NiMH (1200mAh)
Re-Charge Time (estimated)
4 hours
Charging Options
Internal or External with quick charger
Power Source Voltage
110-240
Auto Shut Off
User configurable 5-30 minutes
Print Functions:
Wire and Cable Wrap Mode
Yes
Cable Flag Mode
Yes
Terminal Block Mode
Yes
Patch Panel Mode
Yes
Circuit Breaker Mode
Yes
Banner (Landscape)
Yes
Banner (Portrait)
Yes
Print Preview
Yes
Multi-Label View
No
Serialization
Yes, multiple and linked
Barcoding
39 & 128
Date/Time Stamp
(Real Time Clock)
Yes
History
Yes, last 10 print jobs
Fixed Length
Yes
Mirror Print
Yes, via software
Vertical Print
Yes
Reverse Print
Yes, via software
Rotate Print
Yes
Auto Format
Yes
Text Justification
Horizontal: left, center or right
Vertical: top, middle, bottom
List Function
Yes
Graphic Download
Yes
Print Functions: (continued)
Multi-Copy Printing
Up to 999 Copies
Multi-Line Print
Yes
Frame Feature
Yes
Save Files
Yes
Display:
LCD Type / Size
Custom LCD, Color, 2.8” QVGA
LCD Resolution
320 x 240 pixels
LCD Characters
Font Size Dependent
LCD Backlight
Yes
Communication and Interface:
Connectivity:
USB 2.0, USB Flash drive, Wi-Fi*
PC Connectivity
USB/Wifi
Import Data
Yes, via USB Flash drive
Software Compatibility
Labelmark® Software version 6.0 or higher,
Brady Mobile Apps
Media:
Type
Ribbon and Tape separate, also bulk rolls
Load Labels Location
Top
Label Output Location
Top
Compatible Media
BPTL, BPTDS, BPSPT, BPTLTB, PTL, PSHT, PTLEP,
PTS, PTLFP, PSPT, PTPSL, PSFR, PTPS, PTLSL, BM71,
M61, M61C, BM61C, Custom available
Memory in Cartridge
Yes
Maximum Print Width
1.92" (48.76 mm)
Maximum Print Length
40.00" (1016 mm)
Maximum Liner Width
2.25" (57 mm) with liner
Media Widths
Various sizes from 0.235" to 2.00" (6.4mm to 50.8mm)
Minimum Media Width
0.235" (6.4mm)
Minimum Label Height
0.236" (5.99mm)
Liner Width
0.812", 1.062", 1.312", 1.562", 1.812", 2.250"
Included Media
M61-R6010
PTL-19-423 (1.0" x 1.0"/25.4mm x 25.4mm)
Number of Stock Parts*
600+
Color Print Capability
Single print color on a label
Available Media Colors
Media: White, Yellow, Gray, Green, Orange, Red, Clear,
Silver, Blue, Brown, Purple, Clear
Ribbon: Black, White, Blue and Red
Ribbons
Compatible ribbons begin with M61-Rxxx
Cartridge Width Detection
Yes
Cartridge Setting Detection
Yes
Custom Labels Available
Yes
Compliance:
Agency Approvals*
FCC Class A, UL-BMP61 WLAN 1EEE 802.11
b/g/n-BMP61-W
Trade
Harmonizaiton Code:
(HTS Schedule A or B) /844.39.9000,
Country of Origin: Malaysia (printer), ECCN: EAR99
MSDS
For battery MSDS visit www.BradyID.com
Fonts, Graphics, Symbols:
Font
Points or Millimeters
Text Sizes
4-174pt + autosizing
Number of Fonts
(2) Brady Alpine, Brady Fixed Width
Number of Symbols
450
Special Characters
Depends upon Regional Keypad, see manual
Symbols
Arrows, Datacomm, Electrical, Exit, Fire Safety,
First Aid, CLP/GHS, HSID, Greek, Home Electrical,
International, Laboratory, Mandatory, Packaging,
Miscellaneous, Personal Protective Equipment,
Prohibition, Public Info, Safety, Warning, WHMIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com