Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPT-500-2-WT-R Datasheet(PDF) 17 Page - Brady Worldwide, Inc.

Part # PSPT-500-2-WT-R
Description  BMP®61 Label Printer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

PSPT-500-2-WT-R Datasheet(HTML) 17 Page - Brady Worldwide, Inc.

Back Button PSPT-500-2-WT-R Datasheet HTML 12Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 13Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 14Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 15Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 16Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 17Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 18Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 19Page - Brady Worldwide, Inc. PSPT-500-2-WT-R Datasheet HTML 20Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
BradyID.com/bmp61
1-888-272-3946
17
Figure 33
A
B
Diagram
Catalog Number
B-#
Material
Color
Label Width A
Inch (mm)
Label Height B
Inch (mm)
Labels
Per Row
Labels
Per Pkg
Rec.
Ribbon
Fig. 33
PTL-8-439
B-439
Vinyl
White
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-42-439
B-439
Vinyl
White
1.000 (25.4)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-43-439
B-439
Vinyl
White
1.900 (48.3)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-8-439-YL
B-439
Vinyl
Yellow
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-42-439-YL
B-439
Vinyl
Yellow
1.000 (25.4)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-43-439-YL
B-439
Vinyl
Yellow
1.900 (48.3)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-8-439-BK
B-439
Vinyl
Black
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410-WT
Fig. 33
PTL-42-439-BK
B-439
Vinyl
Black
1.000 (25.4)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410-WT
Fig. 33
PTL-43-439-BK
B-439
Vinyl
Black
1.900 (48.3)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410-WT
Fig. 33
PTL-8-439-BL
B-439
Vinyl
Blue
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410-WT
Fig. 33
PTL-42-439-BL
B-439
Vinyl
Blue
1.000 (25.4)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410-WT
Fig. 33
PTL-43-439-BL
B-439
Vinyl
Blue
1.900 (48.3)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R4410-WT
Fig. 33
PTL-8-439-GR
B-439
Vinyl
Green
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-42-439-GR
B-439
Vinyl
Green
1.000 (25.4)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-43-439-GR
B-439
Vinyl
Green
1.900 (48.3)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-8-439-OR
B-439
Vinyl
Orange
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-42-439-OR
B-439
Vinyl
Orange
1.000 (25.4)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-43-439-OR
B-439
Vinyl
Orange
1.900 (48.3)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-8-439-RD
B-439
Vinyl
Red
0.500 (12.7)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-42-439-RD
B-439
Vinyl
Red
1.000 (25.4)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Fig. 33
PTL-43-439-RD
B-439
Vinyl
Red
1.900 (48.3)
50 ft. (15.2 m)
1
1 Roll Cont.
M61-R6010
Vinyl
B-439 General Purpose Vinyl Material
Colored vinyl material for thermal transfer
printing. Ideal for rating plates, finished product
identification and general purpose labeling.
General ID Materials
Bulk Parts for High Volume Printing
Bulk label parts offer a cost-effective solution for high volume
printing with the BMP®61printer*. Look for material catalog
numbers that begin with “BM71-” or “BPTL”.
*Bulk label printing requires the media feeder and smart cell spool which are included
in the bulk material packaging, and LabelMark™ Software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com