Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849CVS/NOPB.A Datasheet(PDF) 71 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 71 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 67Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 68Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 69Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 70Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 71Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 72Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 73Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 74Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
www.national.com
70
7.3 Link Diagnostics Registers - Page 2
Page 2 Link Diagnostics Registers are accessible by setting bits [1:0] = 10 of PAGESEL (13h).
7.3.1
100Mb Length Detect Register (LEN100_DET), Page 2, address 14h
This register contains linked cable length estimation in 100Mb operation. The cable length is an estimation of the effec-
tive cable length based on the characteristics of the recovered signal. The cable length is valid only during 100Mb oper-
ation with a valid Link status indication.
7.3.2
100Mb Frequency Offset Indication Register (FREQ100), Page 2, address 15h
This register returns an indication of clock frequency offset relative to the link partner. Two values can be read, the long
term Frequency Offset, or a short term Frequency Control value. The Frequency Control value includes short term
phase correction. The variance between the Frequency Control value and the Frequency Offset can be used as an indi-
cation of the amount of jitter in the system
.
Table 43. 100Mb Length Detect Register (
LEN100_DET), address 14h
Bit
Bit Name
Default
Description
15:8
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
7:0
CABLE_LEN
0, RO
Cable Length Estimate:
Indicates an estimate of effective cable length in meters. A value
of FF indicates cable length cannot be determined.
Table 44. 100Mb Frequency Offset Indication Register (FREQ100), address 15h
Bit
Bit Name
Default
Description
15
SAMPLE_FREQ
0, RW
Sample Frequency Offset:
If Sel_FC is set to a 0, then setting this bit to a 1 will poll the DSP
for the long-term Frequency Offset value. The value will be avail-
able in the Freq_Offset bits of this register.
If Sel_FC is set to a 1, then setting this bit to a 1 will poll the DSP
for the current Frequency Control value. The value will be available
in the Freq_Offset bits of this register.
This register bit will always read back as 0.
14:9
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
8
SEL_FC
0, RW
Select Frequency Control:
Setting this bit to a 1 will select the current Frequency Control value
instead of the Frequency Offset. This value contains Frequency
Offset plus the short term phase correction and can be used to in-
dicate amount of jitter in the system. The value will be available in
the Freq_Offset bits of this register.
7:0
FREQ_OFFSET
0, RO
Frequency Offset:
Frequency offset value loaded from the DSP following assertion of
the Sample_Freq control bit. The Frequency Offset or Frequency
Control value is a twos-complement signed value in units of ap-
proximately 5.1562ppm. The range is as follows:
0x7F = +655ppm
0x00 = 0ppm
0x80 = -660ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com