Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849CVS/NOPB.A Datasheet(PDF) 92 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 92 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 88Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 89Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 90Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 91Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 92Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 93Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 94Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 95Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 100 page
background image
91
www.national.com
8.2.23 100BASE-TX Signal Detect Timing
Note: The signal amplitude on PMD Input Pair must be TP-PMD compliant.
8.2.24 100 Mb/s Internal Loopback Timing
Note1: Due to the nature of the descrambler function, all 100BASE-TX Loopback modes will cause an initial “dead-time”
of up to 550
µs during which time no data will be present at the receive MII outputs. The 100BASE-TX timing specified is
based on device delays after the initial 550
µs “dead-time”.
Note2: Measurement is made from the first rising edge of TX_CLK after assertion of TX_EN.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.23.1
SD Internal Turn-on Time
1
ms
T2.23.2
SD Internal Turn-off Time
350
µs
Parameter
Description
Notes
Min
Typ
Max
Units
T2.24.1
TX_EN to RX_DV Loopback
100 Mb/s internal loopback mode
240
ns
T2.23.1
SD+ internal
T2.23.2
PMD Input Pair
TX_CLK
TX_EN
TXD[3:0]
CRS
RX_CLK
RXD[3:0]
RX_DV
T2.24.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com