Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83849CVS/NOPB.A Datasheet(PDF) 72 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 72 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 68Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 69Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 70Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 71Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 72Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 73Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 74Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 75Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
71
www.national.com
7.3.3
TDR Control Register (TDR_CTRL), Page 2, address 16h
This register contains control for the Time Domain Reflectometry (TDR) cable diagnostics. The TDR cable diagnostics
sends pulses down the cable and captures reflection data to be used to estimate cable length and detect certain cabling
faults.
Table 45. TDR Control Register (TDR_CTRL), address 16h
Bit
Bit Name
Default
Description
15
TDR_ENABLE
0, RW
TDR Enable:
Enable TDR mode. This forces powerup state to correct operating
condition for sending and receiving TDR pulses.
14
TDR_100Mb
0, RW
TDR 100Mb:
Sets TDR controller to use the 100Mb Transmitter. This allows for
sending pulse widths in multiples of 8ns. Pulses in 100Mb mode
will alternate between positive pulses and negative pulses.
Default operation uses the 10Mb Link Pulse generator. Pulses may
include just the 50ns preemphasis portion of the pulse or the 100ns
full link pulse (as controlled by setting TDR Width).
13
TX_CHANNEL
0, RW
Transmit Channel Select:
Select transmit channel for sending pulses. Pulse can be sent on
the Transmit or Receive pair.
0 : Transmit channel
1 : Receive channel
12
RX_CHANNEL
0, RW
Receive Channel Select:
Select receive channel for detecting pulses. Pulse can be moni-
tored on the Transmit or Receive pair.
0 : Transmit channel
1 : Receive channel
11
SEND_TDR
0, RW/SC
Send TDR Pulse:
Setting this bit will send a TDR pulse and enable the monitor circuit
to capture the response. This bit will automatically clear when the
capture is complete.
10:8
TDR_WIDTH
0, RW
TDR Pulse Width:
Pulse width in clocks for the transmitted pulse. In 100Mb mode,
pulses are in 8ns increments. In 10Mb mode, pulses are in 50ns
increments, but only 50ns or 100ns pulses can be sent. Sending a
pulse of 0 width will not transmit a pulse, but allows for baseline
testing.
7
TDR_MIN_MODE
0, RW
Min/Max Mode control:
This bit controls direction of the pulse to be detected. Default looks
for a positive peak. Threshold and peak values will be interpreted
appropriately based on this bit.
0 : Max Mode, detect positive peak
1 : Min Mode, detect negative peak
6
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
5:0
RX_THRESHOLD
<10_0000>, RW RX Threshold:
This value provides a threshold for measurement to the start of a
peak. If Min Mode is set to 0, data must be greater than this value
to trigger a capture. If Min Mode is 1, data must be less than this
value to trigger a capture. Data ranges from 0x00 to 0x3F, with
0x20 as the midpoint. Positive data is greater than 0x20, negative
data is less than 0x20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com