Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP243F Datasheet(PDF) 32 Page - Power Integrations, Inc.

Part # TOP243F
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP243F Datasheet(HTML) 32 Page - Power Integrations, Inc.

Back Button TOP243F Datasheet HTML 28Page - Power Integrations, Inc. TOP243F Datasheet HTML 29Page - Power Integrations, Inc. TOP243F Datasheet HTML 30Page - Power Integrations, Inc. TOP243F Datasheet HTML 31Page - Power Integrations, Inc. TOP243F Datasheet HTML 32Page - Power Integrations, Inc. TOP243F Datasheet HTML 33Page - Power Integrations, Inc. TOP243F Datasheet HTML 34Page - Power Integrations, Inc. TOP243F Datasheet HTML 35Page - Power Integrations, Inc. TOP243F Datasheet HTML 36Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
TOP242-250
M
12/04
32
Quick Design Checklist
As with any power supply design, all TOPSwitch-GX designs
should be verified on the bench to make sure that components
specificationsarenotexceededunderworstcaseconditions.The
following minimum set of tests is strongly recommended:
1. Maximum drain voltage – Verify that peak V
DS does not
exceed 675 V at highest input voltage and maximum
overload output power. Maximum overload output power
occurswhentheoutputisoverloadedtoaleveljustbeforethe
power supply goes into auto-restart (loss of regulation).
2. Maximumdraincurrent–Atmaximumambienttemperature,
maximum input voltage and maximum output load, verify
drain current waveforms at start-up for any signs of
transformer saturation and excessive leading edge current
spikes. TOPSwitch-GX has a leading edge blanking time of
220 ns to prevent premature termination of the ON-cycle.
Verify that the leading edge current spike is below the
allowed current limit envelope (see Figure 52) for the
drain current waveform at the end of the 220 ns blanking
period.
3. Thermal check – At maximum output power, minimum
input voltage and maximum ambient temperature, verify
that temperature specifications are not exceeded for
TOPSwitch-GX
, transformer, output diodes and output
capacitors. Enough thermal margin should be allowed for
the part-to-part variation of the R
DS(ON) of TOPSwitch-GX,
as specified in the data sheet. The margin required can
either be calculated from the tolerances or it can be
accounted for by connecting an external resistance in
series with the DRAIN pin and attached to the same
heatsink, having a resistance value that is equal to the
difference between the measured R
DS(ON) of the device
under test and the worst case maximum specification.
Design Tools
For a discussion on utilizing TOPSwitch-GX in a forward
converter configuration, please refer to the TOPSwitch-GX
Forward Design Methodology Application Note.
Up-to-date information on design tools can be found at the
Power Integrations website: www.powerint.com
-
HV
+
- DC
Out
PI-2734-043001
T
r
a
n
s
f
o
r
m
e
r
Safety Spacing
Y1-
Capacitor
Solder Side
Component Side
Opto-
coupler
+
Output Filter Capacitors
Maximize hatched copper
areas (
) for optimum
heat sinking
TOP VIEW
Input Filter
Capacitor
R1a - 1c
PRI
PRI
SEC
BIAS
TOPSwitch-GX
S
L
C
X
D
Figure 49. Layout Considerations for TOPSwitch-GX using R Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com