Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP243F Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # TOP243F
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP243F Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button TOP243F Datasheet HTML 11Page - Power Integrations, Inc. TOP243F Datasheet HTML 12Page - Power Integrations, Inc. TOP243F Datasheet HTML 13Page - Power Integrations, Inc. TOP243F Datasheet HTML 14Page - Power Integrations, Inc. TOP243F Datasheet HTML 15Page - Power Integrations, Inc. TOP243F Datasheet HTML 16Page - Power Integrations, Inc. TOP243F Datasheet HTML 17Page - Power Integrations, Inc. TOP243F Datasheet HTML 18Page - Power Integrations, Inc. TOP243F Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
TOP242-250
15
M
12/04
Typical Uses of LINE-SENSE (L) and EXTERNAL CURRENT LIMIT (X) Pins
X
F
PI-2617-050100
DC
Input
Voltage
+
-
D
C S
D
S
C
CONTROL
L
C L X S F
D
PI-2618-081403
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
2 M
Ω
RLS
VUV = IUV x RLS
VOV = IOV x RLS
For RLS = 2 MΩ
VUV = 100 VDC
VOV = 450 VDC
DCMAX@100 VDC = 78%
DCMAX@375 VDC = 38%
PI-2510-040501
DC
Input
Voltage
+
-
D
M
S
C
VUV = RLS x IUV
For Value Shown
VUV = 100 VDC
RLS
6.2 V
2 M
Ω
22 k
Ω
CONTROL
PI-2620-040501
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
2 M
Ω
30 k
Ω
RLS
1N4148
VOV = IOV x RLS
For Values Shown
VOV = 450 VDC
X
PI-2623-092303
DC
Input
Voltage
+
-
D
S
C
RIL
For RIL = 12 kΩ
ILIMIT = 69%
See Figure 54b for
other resistor values
(RIL)
For RIL = 25 kΩ
ILIMIT = 43%
CONTROL
X
PI-2624-040501
DC
Input
Voltage
+
-
D
S
C
2.5 M
Ω
RLS
6 k
Ω
RIL
100% @ 100 VDC
63% @ 300 VDC
ILIMIT =
ILIMIT =
CONTROL
Figure 16. Three Terminal Operation (LINE-SENSE and
EXTERNAL CURRENT LIMIT Features Disabled.
FREQUENCY Pin Tied to SOURCE or CONTROL Pin).
Figure 17. Line-Sensing for Under-Voltage, Overvoltage and Line
Feed-Forward.
Figure 20. Externally Set Current Limit.
Figure 21. Current Limit Reduction with Line Voltage.
Figure 18. Line-Sensing for Under-Voltage Only (Overvoltage
Disabled).
Figure 19. Linse-Sensing for Overvoltage Only (Under-Voltage
Disabled). Maximum Duty Cycle Reduced at Low Line
and Further Reduction with Increasing Line Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com