Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP243F Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP243F
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP243F Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP243F Datasheet HTML 8Page - Power Integrations, Inc. TOP243F Datasheet HTML 9Page - Power Integrations, Inc. TOP243F Datasheet HTML 10Page - Power Integrations, Inc. TOP243F Datasheet HTML 11Page - Power Integrations, Inc. TOP243F Datasheet HTML 12Page - Power Integrations, Inc. TOP243F Datasheet HTML 13Page - Power Integrations, Inc. TOP243F Datasheet HTML 14Page - Power Integrations, Inc. TOP243F Datasheet HTML 15Page - Power Integrations, Inc. TOP243F Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
TOP242-250
M
12/04
12
be used as a remote ON/OFF and a synchronization input in
both modes. Please refer to Table 3 for possible combinations
of the functions with example circuits shown in Figure 30
through Figure 40. A description of specific functions in terms
of the MULTI-FUNCTION pin I/V characteristic is shown in
Figure 11. The horizontal axis represents MULTI-FUNCTION
pincurrentwithpositivepolarityindicatingcurrentsflowinginto
the pin. The meaning of the vertical axes varies with functions.
For those that control the ON/OFF states of the output such
as UV, OV and remote ON/OFF, the vertical axis represents
the enable/disable states of the output. UV triggers at I
UV
(+50 µA typical) and OV triggers at I
OV (+225 µA typical with
30 µA hysteresis). Between the UV and OV thresholds, the
output is enabled. For external current limit and line feed-
forward with DC
MAX reduction, the vertical axis represents the
magnitude of the I
LIMIT and DCMAX. Line feed-forward with
DC
MAX reduction lowers maximum duty cycle from 78% at IM(DC)
(+60 µA typical) to 38% at I
OV (+225 µA). External current
limit is available only with negative MULTI-FUNCTION
pin current. Please see graphs in the Typical Performance
Characteristics section for the current limit programming
range and the selection of appropriate resistor value.
-250
-200
-150
-100
-50
0
50
100
150
200
250
300
350
400
PI-2636-010802
Output
MOSFET
Switching
(Enabled)
(Disabled)
ILIMIT (Default)
DCMAX (78.5%)
Current
Limit
M Pin
L Pin
X Pin
Maximum
Duty Cycle
VBG
-22
µA
-27
µA
VBG + VTP
I
I
I
I
IUV
IREM(N)
IOV
Pin Voltage
Note: This figure provides idealized functional characteristics with typical performance values. Please refer to the parametric
table and typical performance characteristics sections of the data sheet for measured data.
X and L Pins (Y, R or F Package) and M Pin (P or G Package) Current (
µA)
Disabled when supply
output goes out of
regulation
Figure 11. MULTI-FUNCTION (P or G package), LINSE-SENSE, and EXTERNAL CURRENT LIMIT (Y, R or F package) Pin Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com