Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2831XMF/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # LM2831XMF/NOPB
Description  LM2831 High-Frequency 1.5-A Load — Step-Down DC-DC Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2831XMF/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM2831XMF/NOPB Datasheet HTML 24Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 25Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 26Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 27Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 28Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 29Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 30Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 31Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Die Attach
Material
Mold Compound
Gold Wire
Exposed Die
Attach Pad
Die
Cu
Exposed
Contact
JA
165 C
144 C
R
111 C / W
189 mW
q
°
-
°
=
=
°
JA
INTERNAL
165 C
Ta
R
P
q
°
-
=
LM2831
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
www.ti.com
The second method can give a very accurate silicon junction temperature.
The first step is to determine RθJA of the application. The LM2831 has overtemperature protection circuitry. When
the silicon temperature reaches 165°C, the device stops switching. The protection circuitry has a hysteresis of
about 15°C. Once the silicon temperature has decreased to approximately 150°C, the device will start to switch
again. Knowing this, the RθJA for any application can be characterized during the early stages of the design one
may calculate the RθJA by placing the PCB circuit into a thermal chamber. Raise the ambient temperature in the
given working application until the circuit enters thermal shutdown. If the SW-pin is monitored, it will be obvious
when the internal PFET stops switching, indicating a junction temperature of 165°C. Knowing the internal power
dissipation from the above methods, the junction temperature, and the ambient temperature RθJA can be
determined.
(37)
Once this is determined, the maximum ambient temperature allowed for a desired junction temperature can be
found.
An example of calculating RθJA for an application using the Texas Instruments LM2831 WSON demonstration
board is shown below.
The four layer PCB is constructed using FR4 with ½ oz copper traces. The copper ground plane is on the bottom
layer. The ground plane is accessed by two vias. The board measures 3 cm × 3 cm. It was placed in an oven
with no forced airflow. The ambient temperature was raised to 144°C, and at that temperature, the device went
into thermal shutdown.
From the previous example:
PINTERNAL = 189 mW
(38)
(39)
If the junction temperature was to be kept below 125°C, then the ambient temperature could not go above 109°C
Tj - (RθJA × PLOSS) = TA
(40)
125°C - (111°C/W × 189 mW) = 104°C
(41)
10.1.3 WSON Package
Figure 32. Internal WSON Connection
For certain high power applications, the PCB land may be modified to a "dog bone" shape (see Figure 33). By
increasing the size of ground plane, and adding thermal vias, the RθJA for the application can be reduced.
28
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM2831



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com