Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2831XMF/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2831XMF/NOPB
Description  LM2831 High-Frequency 1.5-A Load — Step-Down DC-DC Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2831XMF/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2831XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
LM2831
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
–0.5
7
V
FB Voltage
–0.5
3
V
EN Voltage
–0.5
7
V
SW Voltage
–0.5
7
V
Junction Temperature(3)
150
°C
Soldering Information
Infrared or Convection Reflow (15 sec)
220
°C
Storage Temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
3
5.5
V
Junction Temperature
–40
125
°C
6.4 Thermal Information
LM2831
THERMAL METRIC(1)
SOT-23 (DBV
WSON (NGG)
UNIT
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance(2)
163.4
54.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance(2)
114.4
50.8
°C/W
RθJB
Junction-to-board thermal resistance
26.8
29.2
°C/W
ψJT
Junction-to-top characterization parameter
12.4
0.6
°C/W
ψJB
Junction-to-board characterization parameter
26.2
29.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
9.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Applies for packages soldered directly onto a 3” × 3” PC board with 2 oz. copper on 4 layers in still air.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM2831



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com