Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2831XMF/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2831XMF/NOPB
Description  LM2831 High-Frequency 1.5-A Load — Step-Down DC-DC Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2831XMF/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2831XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2831XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LM2831
www.ti.com
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
VIN = 5 V unless otherwise indicated under the Test Conditions column. Limits are for TJ = 25°C. Minimum and Maximum
limits are specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at
TJ = 25°C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
WSON and SOT-23
TJ = 25°C
0.600
VFB
Feedback Voltage
V
Package
–40°C to 125°C
0.588
0.612
ΔVFB/VIN
Feedback Voltage Line Regulation
VIN = 3 V to 5 V
0.02
%/V
IB
Feedback Input Bias Current
TJ = 25°C
0.1
nA
–40°C to 125°C
100
VIN Rising
TJ = 25°C
2.73
V
–40°C to 125°C
2.90
Undervoltage Lockout
UVLO
VIN Falling
TJ = 25°C
2.3
V
–40°C to 125°C
1.85
UVLO Hysteresis
0.43
V
LM2831-X
TJ = 25°C
1.6
–40°C to 125°C
1.2
1.95
LM2831-Y
TJ = 25°C
0.55
FSW
Switching Frequency
MHz
–40°C to 125°C
0.4
0.7
LM2831-Z
TJ = 25°C
3
–40°C to 125°C
2.25
3.75
LM2831-X
TJ = 25°C
94%
–40°C to 125°C
86%
LM2831-Y
TJ = 25°C
96%
DMAX
Maximum Duty Cycle
–40°C to 125°C
90%
LM2831-Z
TJ = 25°C
90%
–40°C to 125°C
82%
LM2831-X
5%
DMIN
Minimum Duty Cycle
LM2831-Y
2%
LM2831-Z
7%
WSON Package
150
RDS(ON)
Switch On Resistance
SOT-23 Package
TJ = 25°C
130
m
Ω
–40°C to 125°C
195
ICL
Switch Current Limit
VIN = 3.3 V
TJ = 25°C
2.5
A
–40°C to 125°C
1.8
Shutdown Threshold Voltage
–40°C to 125°C
0.4
VEN_TH
V
Enable Threshold Voltage
–40°C to 125°C
1.8
ISW
Switch Leakage
100
nA
IEN
Enable Pin Current
Sink/Source
100
nA
LM2831X VFB = 0.55
TJ = 25°C
3.3
–40°C to 125°C
5
LM2831Y VFB = 0.55
TJ = 25°C
2.8
Quiescent Current (switching)
mA
IQ
–40°C to 125°C
4.5
LM2831Z VFB = 0.55
TJ = 25°C
4.3
–40°C to 125°C
6.5
Quiescent Current (shutdown)
All Options VEN = 0 V
30
nA
TSD
Thermal Shutdown Temperature
165
°C
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2831



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com