Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3489MMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3489MMX/NOPB
Description  LM3489x Hysteretic PFET Buck Controller With Enable Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3489MMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3489MMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LM3489, LM3489-Q1
www.ti.com
SNVS443C – MAY 2006 – REVISED DECEMBER 2016
Product Folder Links: LM3489 LM3489-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
At high input voltages (> 28 V) increased undershoot at the switch node can cause an increase in the current
limit threshold. To avoid this problem, a low Vf Schottky catch diode must be used (see Catch Diode Selection
(D1)). Additionally, a resistor can be placed between the ISENSE pin and the switch node. Any value in the
range of 220 Ω to 600 Ω is recommended.
7.3.3 Start Up
The current limit circuit is active during start-up. During start-up, the PFET stays on until either the current limit or
the feedback comparator is tripped
If the current limit comparator is tripped first, then take the the foldback characteristic into account. Start-up into
full load may require a higher current limit set point or the load must be applied after start-up.
One problem with selecting a higher current limit is inrush current during start-up. Increasing the capacitance
(CADJ) in parallel with RADJ results in a soft-start characteristic. CADJ and RADJ create an RC time constant forcing
current limit to activate at a lower current. The output voltage will ramp more slowly when using this technique.
There is example start-up plot for CADJ equal to 1 nF in Typical Characteristics. Lower values for CADJ will have
little to no effect on soft-start.
7.3.4 External Sense Resistor
The VDS of a PFET tends to vary significantly over temperature. This will result an equivalent variation in current
limit. To improve current limit accuracy, an external sense resistor can be connected from VIN to the source of
the PFET, as shown in Figure 23. The current sense resistor, RCS must have value comparable with RDSON of the
PFET used, typically in the range of 50 mΩ to 200 mΩ. Equation 6 in Current Limit Operation can be used by
replacing the RDSON with RCS.
Figure 23. Current Sensing by External Resistor
7.3.5 PGATE
When switching, the PGATE pin swings from VIN (off) to some voltage below VIN (on). How far the PGATE will
swing depends on several factors including the capacitance, on-time, and input voltage.
PGATE voltage swing will increase with decreasing gate capacitance. Although PGATE voltage will typically be
around VIN-5V, with very small gate capacitances, this value can increase to a typical maximum of VIN-8.3 V.
Additionally, PGATE swing voltage will increase as on-time increases. During long on-times, such as when
operating at 100% duty cycle, the PGATE voltage will eventually fall to its maximum voltage of VIN-8.3 V (typical)
regardless of the PFET gate capacitance.
The PGATE voltage will not fall below 0.4 V (typical). Therefore, when the input voltage falls below approximately
9 V, the PGATE swing voltage range is reduced. At an input voltage of 7 V, for instance, PGATE will swing from
7 V to a minimum of 0.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com