Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3489MMX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3489MMX/NOPB
Description  LM3489x Hysteretic PFET Buck Controller With Enable Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3489MMX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3489MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
ISENSE
8
VIN
2
GND
7
PGATE
3
EN
6
PGND
4
FB
5
ADJ
Not to scale
3
LM3489, LM3489-Q1
www.ti.com
SNVS443C – MAY 2006 – REVISED DECEMBER 2016
Product Folder Links: LM3489 LM3489-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
ISENSE
I
The current sense input pin. This pin must be connected to the PFET drain terminal directly or
through a series resistor up to 600 Ω for 28 V > VIN > 35 V.
2
GND
—
Signal ground
3
EN
I
Enable pin. Connect EN pin to ground to shutdown the part or float to enable operation (Internally
pulled high). This pin can also be used to perform UVLO function.
4
FB
I
The feedback input. Connect the FB to a resistor voltage divider between the output and GND for an
adjustable output voltage.
5
ADJ
I
Current limit threshold adjustment. Connected to an internal 5.5-µA current source. A resistor is
connected between this pin and VIN. The voltage across this resistor is compared with the ISENSE
pin voltage to determine if an overcurrent condition has occurred.
6
PGND
—
Power ground
7
PGATE
O
Gate drive output for the external PFET. PGATE swings between VIN and VIN 5-V.
8
VIN
I
Power supply input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com