Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3489MMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3489MMX/NOPB
Description  LM3489x Hysteretic PFET Buck Controller With Enable Pin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3489MMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM3489MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3489MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LM3489, LM3489-Q1
SNVS443C – MAY 2006 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM3489 LM3489-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This pin is internally pulled high and clamped at 8 V (typical). The absolute maximum and operating maximum rating specifies the input
level allowed for an external voltage source applied to this pin without triggering the internal clamp with margin.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ_MAX, the junction-to-ambient thermal
resistance, RθJA and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD= (TJ – TA) / RθJA. Exceeding the maximum allowable power dissipation will lead to excessive die temperature.
6 Specifications
6.1 Absolute Maximum Ratings
See
(1).
MIN
MAX
UNIT
VIN voltage
–0.3
36
V
PGATE voltage
–0.3
36
V
FB voltage
–0.3
5
V
ISENSE voltage
–1
36
V
–1 (<100
ns)
ADJ voltage
–0.3
36
V
EN voltage(2)
–0.3
6
V
Power dissipation, TA = 25°C
(3)
417
mW
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings: LM3489
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 ESD Ratings: LM3489-Q1
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
±2000
V
Charged device model (CDM), per AEC Q100-011
±750
(1)
This pin is internally pulled high and clamped at 8 V (typical). The absolute maximum and operating maximum rating specifies the input
level allowed for an external voltage source applied to this pin without triggering the internal clamp with margin.
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply voltage
4.5
35
V
EN voltage(1)
5.5
V
TJ
Operating junction temperature(2)
LM3489
–40
125
°C
LM3489-Q1
–40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com