Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVS08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AVS08
Description  AUTOMATIC VOLTAGE SWITCH SMPS 200W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS08 Datasheet(HTML) 1 Page - STMicroelectronics

  AVS08 Datasheet HTML 1Page - STMicroelectronics AVS08 Datasheet HTML 2Page - STMicroelectronics AVS08 Datasheet HTML 3Page - STMicroelectronics AVS08 Datasheet HTML 4Page - STMicroelectronics AVS08 Datasheet HTML 5Page - STMicroelectronics AVS08 Datasheet HTML 6Page - STMicroelectronics AVS08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AUTOMATIC VOLTAGE SWITCH (SMPS < 200W)
CONTROLLER
50/60Hz FULL COMPATIBILITY
INTEGRATED VOLTAGE REGULATOR
TRIGGERING PULSE TRAIN OF THE TRIAC
PARASITIC FILTER
LOW POWER CONSUMPTION
TRIAC
HIGH EFFICIENCY AND SAFETY SWITCHING
UNINSULATED PACKAGE : AVS08CB
INSULATED
PACKAGE
2500V(RMS):
AVS08CBI
VDRM = ± 500 V
IT(RMS) :5A
DESCRIPTION
The AVS08 kit is an automatic mains selector
(110/220V AC) to be used in SMPS < 200 W. It is
composed of 2 devices :
The Controller is optimized for low consumption
and high security triggering of the triac. When
connected to VSS, the mode input activates an
additional option. If the main power drops from
220V to 110V, the triac control remains locked to
the 220V mode and avoids any high voltage spike
when the voltage is restored to 220V.
When connected to VDD, the mode input desacti-
vates this option.
The TRIAC is specially designed for this applica-
tion. An optimization between sensitivity and dy-
namic parameters of the triac gate highly reduces
the losses of supply resistor and allows excellent
immunity against disturbances.
P
DIP8
(Plastic)
B
TO220AB
(Plastic)
A1
A2
G
AVS08
March1995
PIN CONNECTION
1/7


Similar Part No. - AVS08

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
AVS01KIT SPECO-AVS01KIT Datasheet
498Kb / 2P
Speaker and microphone kit
07/30/25
More results

Similar Description - AVS08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS10 STMICROELECTRONICS-AVS10 Datasheet
80Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Mar-1995
AVS12 STMICROELECTRONICS-AVS12 Datasheet
76Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 500W
Mar-1995
AVS20 STMICROELECTRONICS-AVS20 Datasheet
157Kb / 8P
AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Jul-1992
logo
Sanken electric
STR80145A SANKEN-STR80145A Datasheet
12Kb / 1P
Voltage Doubler/Bridge Rectifier Automatic Switch ICs
logo
List of Unclassifed Man...
AP7722 ETC2-AP7722 Datasheet
17Kb / 1P
Rack Automatic Transfer Switch
logo
HuaXinAn Electronics CO...
SMF3.3A HUAXINAN-SMF3.3A Datasheet
430Kb / 5P
200W Transient Voltage Suppressors
logo
WeEn Semiconductors
SOD WEEN-SOD Datasheet
576Kb / 7P
200W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMAJ LEIDITECH-SMAJ Datasheet
1,006Kb / 3P
200W Transient Voltage Suppressor
SMF LEIDITECH-SMF Datasheet
1Mb / 5P
200W Transient Voltage Suppressor
01.06.2018
logo
Inventronics Inc.
EUV-200SXXXST INVENTRONICS-EUV-200SXXXST Datasheet
681Kb / 11P
200W Constant Voltage IP67 Driver
Rev. R
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com