Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVS08 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AVS08
Description  AUTOMATIC VOLTAGE SWITCH SMPS 200W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS08 Datasheet(HTML) 6 Page - STMicroelectronics

  AVS08 Datasheet HTML 1Page - STMicroelectronics AVS08 Datasheet HTML 2Page - STMicroelectronics AVS08 Datasheet HTML 3Page - STMicroelectronics AVS08 Datasheet HTML 4Page - STMicroelectronics AVS08 Datasheet HTML 5Page - STMicroelectronics AVS08 Datasheet HTML 6Page - STMicroelectronics AVS08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC DIP
TO220AB (Plastic)
CONTROLLER
Cooling method : C
Marking : Type number
Weight : 2.3 g
Recommended torque value : 0.8 m.N.
Maximum torque value : 1 m.N.
TRIAC
I
==
A
G
D
B
C
F
P
N
O
M
L
J
H
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
10.20
10.50
0.401
0.413
B
14.23
15.87
0.560
0.625
C
12.70
14.70
0.500
0.579
D
5.85
6.85
0.230
0.270
F
4.50
0.178
G
2.54
3.00
0.100
0.119
H
4.48
4.82
0.176
0.190
I
3.55
4.00
0.140
0.158
J
1.15
1.39
0.045
0.055
L
0.35
0.65
0.013
0.026
M
2.10
2.70
0.082
0.107
N
4.58
5.58
0.18
0.22
O
0.80
1.20
0.031
0.048
P
0.64
0.96
0.025
0.038
REF.
DIMENSIONS
Millimetres
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.7
0.027
B
1.39
1.65
0.054
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b1
0.38
0.50
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e4
7.52
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.60
0.017
0.063
AVS08
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com