Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVS08 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AVS08
Description  AUTOMATIC VOLTAGE SWITCH SMPS 200W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS08 Datasheet(HTML) 4 Page - STMicroelectronics

  AVS08 Datasheet HTML 1Page - STMicroelectronics AVS08 Datasheet HTML 2Page - STMicroelectronics AVS08 Datasheet HTML 3Page - STMicroelectronics AVS08 Datasheet HTML 4Page - STMicroelectronics AVS08 Datasheet HTML 5Page - STMicroelectronics AVS08 Datasheet HTML 6Page - STMicroelectronics AVS08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Symbol
Parameter
Value
Unit
Min
Typ
Max
VSS (pin 1) (Vreg)
Shunt regulator
- 10
- 9
- 8
V
ISS (pin 1) (Vreg)
(@ VSS = 9V)
Supply current
0.4
25
mA
ISS (pin 1)
(@ triac gate non
connected)
Quiescent current
1
mA
F (pin 3)
(@ R = 91k
Ω)
(C = 100pF)
Oscillator frequency
42
44
46
KHz
VM (pin 8) Vth (3)
Peak voltage of detection
high-threshold
4.08
4.25
4.42
V
VM (pin 8) Vh (3)
Peak voltage of detection hysteresis
0.370
0.4
0.420
V
(1) VM (pin 8) Vth (3)
Zero-crossing detection
high-threshold
95
110
125
mV
VM (pin 8) Vh (3)
Zero-crossing detection hysteresis
27
50
80
mV
(2)
Vrazht (4)
Power-on-reset activation threshold
Vreg x 0.89
V
(2)
Vrazlt (4)
Power-down-reset activation
threshold
3
6.95
V
Mode (pin 7)
VIL
(4)
VIH
(4)
0.7 Vreg
0.3 Vreg
V
VG (pin 5)
VOL (IVG = 25mA)
Leakage current (VG =VDD)
1
+50
V
µA
DC GENERAL ELECTRICAL CHARACTERISTICS (continued)
CONTROLLER AVS1BCP08 Toper =25
°C (unless otherwise specified)
NOTES :
(1) : This value gives a typical noise immunity on the zero-crossing detectionof 110mV x 1018/18 = 6.20V on the main supply
(2) : See following diagram
(3) : Voltage referred to VSS
(4) : Voltage referred to VDD
0V
0V
-2.7V
-2.7V
Vrazht
Vrazlt
Vreg = V
- V
SS
DD
Normal oper at ion
Power-on
reset
Undeter mined
Undetermi ned
Reset
power-off
POWER-ON AND POWER-OFF RESET BEHAVIOUR
AVS08
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com