Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5072 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5072
Description  LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5072 Datasheet(HTML) 2 Page - Texas Instruments

  LM5072 Datasheet HTML 1Page - Texas Instruments LM5072 Datasheet HTML 2Page - Texas Instruments LM5072 Datasheet HTML 3Page - Texas Instruments LM5072 Datasheet HTML 4Page - Texas Instruments LM5072 Datasheet HTML 5Page - Texas Instruments LM5072 Datasheet HTML 6Page - Texas Instruments LM5072 Datasheet HTML 7Page - Texas Instruments LM5072 Datasheet HTML 8Page - Texas Instruments LM5072 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
VIN
RCLASS
VEE
VCC
OUT
RT
FB
CS
COMP
RAUX
SS
RTN
ARTN
nPGOOD
LM5072
ICL_FAUX
DCCL
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN
RAUX
VEE
OUT
RT
CS
FB
COMP
SS
RTN
ARTN
DCCL
RCLASS
nPGOOD
VCC
+PoE
+ FAUX
- FAUX
- PoE
LM5072
+VOUT
ICL_FAUX
LM5072
SNVS437D – MARCH 2006 – REVISED APRIL 2013
www.ti.com
Simplified Application Diagram
Connection Diagram
Figure 1. 16 Lead TSSOP-EP
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5072



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com