Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5072 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5072
Description  LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5072 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5072 Datasheet HTML 8Page - Texas Instruments LM5072 Datasheet HTML 9Page - Texas Instruments LM5072 Datasheet HTML 10Page - Texas Instruments LM5072 Datasheet HTML 11Page - Texas Instruments LM5072 Datasheet HTML 12Page - Texas Instruments LM5072 Datasheet HTML 13Page - Texas Instruments LM5072 Datasheet HTML 14Page - Texas Instruments LM5072 Datasheet HTML 15Page - Texas Instruments LM5072 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
VEE
12V
LM5072
3
7
VIN
24.5k
PoE Line
Input
PoE Line
Return
2.7V
10V
14.5V
Voltage
Discovery
Classification
Classification
Time
42V
30V
Full Power Application
Power Removal
LM5072
SNVS437D – MARCH 2006 – REVISED APRIL 2013
www.ti.com
Figure 16. Sequence of PoE Operating Modes
Table 1. Operating Modes With Respect To Input Voltage
Mode of Operation
Voltage from PoE Cable per
LM5072 Input Voltage
IEEE 802.3af
(VIN pin to VEE pin)
Detection (Signature)
2.7V to 10.0V
1.5V to 10.0V
Classification
14.5V to 20.5V
12V to 23.5V
Startup
42V max
38V (UVLO Release, VIN Rising)
Normal Operation
57V to 36V
70V to 32V (UVLO, VIN Falling)
Detection Signature
During detection mode, a PD must present a signature resistance between 23.75 k
Ω and 26.25 kΩ to the PoE
power sourcing equipment. This signature impedance distinguishes the PD from non-PoE capable equipment to
protect the latter from being accidentally damaged by inadvertent application of PoE voltage levels. To simplify
the circuit implementation, the LM5072 integrates the 24.5 k
Ω signature resistor, as shown in Figure 17.
Figure 17. Detection Circuit With Integrated PD Signature Resistor
During detection mode, the voltage across the VIN and VEE pins is less than 10V. Once signature mode is
complete, the LM5072 will disengage the signature resistor to reduce power loss in all other modes.
Classification
Classification is an optional feature of the IEEE802.3af specification. It is primarily used to identify the power
requirements of a particular PD device. This feature will allow the PSE to allocate the appropriate available
power to each device on the network. Classification is performed by measuring the current flowing into the PD
during this mode. IEEE 802.3af specifies five power classes, each corresponding to a unique range of
classification current, as presented in Table 2. The LM5072 simplifies the classification implementation by
requiring a single external resistor connected between the RCLASS and VEE pins to program the classification
current. The resistor value required for each class is also given in Table 2.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5072



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com