Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5072 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5072
Description  LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5072 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5072 Datasheet HTML 9Page - Texas Instruments LM5072 Datasheet HTML 10Page - Texas Instruments LM5072 Datasheet HTML 11Page - Texas Instruments LM5072 Datasheet HTML 12Page - Texas Instruments LM5072 Datasheet HTML 13Page - Texas Instruments LM5072 Datasheet HTML 14Page - Texas Instruments LM5072 Datasheet HTML 15Page - Texas Instruments LM5072 Datasheet HTML 16Page - Texas Instruments LM5072 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
3
VIN
4
RCLASS
EN
+
-
7
+
-
Threshold
VEE
to UVLO
PoE Line
Input
PoE Line
Return
VIN = 23.5V
LM5072
RCLASS
1.25V
1.25V
front_aux
rear_aux
thermal_limit
LM5072
www.ti.com
SNVS437D – MARCH 2006 – REVISED APRIL 2013
Table 2. Classification Levels and Required External Resistor Value
Class
PD Max Power Level
ICLASS Range
LM5072
RCLASS Value
From
To
From
To
0 (Default)
0.44W
12.95W
0 mA
4 mA
Open
1
0.44W
3.84W
9 mA
12 mA
130
Ω
2
3.84W
6.49W
17 mA
20 mA
71.5
Ω
3
6.49W
12.95W
26 mA
30 mA
46.4
Ω
4
Reserved
Reserved
36 mA
44 mA
31.6
Ω
Figure 18. PD Classification – Fulfilled With a Single External Resistor
Figure 18 shows the LM5072’s implementation of PD classification using an external resistor connected to the
RCLASS pin. During classification, the voltage across the VIN and VEE pins is between 13V and 23.5V. In this
voltage range, the class resistor RCLASS is engaged by enabling the 1.25V buffer amplifier and MOSFET. After
classification is complete, the voltage from the PSE will increase to the normal operating voltage of the PoE
system (48V nominal). When VIN rises above 23.5V, the LM5072 will disengage the RCLASS resistor to reduce
on-chip power dissipation.
The classification feature is disabled when either the front or rear auxiliary power options are selected, as the
classification function is not required when power is supplied from an auxiliary source. The classification function
is also disabled when the LM5072 reaches the thermal shutdown temperature threshold (nominally 165°C). This
may occur if the LM5072 is operated at elevated ambient temperatures and the classification time exceeds the
IEEE802.3af limit of 75 ms.
When the classification option is not required, simply leave the RCLASS pin open to set the PD to the default
Class 0 state. Class 0 requires that the PSE allocate the maximum IEEE802.3af specified power of 15.4 W
(12.95 W at the PD input terminals) to the PD.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5072



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com