Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC311LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC311LP3
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC311LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC311LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC311LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC311LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC311LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC311LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC311LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8
8 - 14
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Application Circuit
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 2, 4 - 9,
11 - 16
N/C
This pin may be connected to RF ground.
3RFIN
This pin is DC coupled.
An off chip DC blocking capacitor is required.
10
RFOUT
RF output and DC Bias for the output stage.
GND
Package bottom must be connected to RF/DC ground.
Recommended Component Values
Component
Frequency (MHz)
50
900
1900
2200
2400
3500
5200
5800
L1
270 nH
56 nH
18 nH
18 nH
15 nH
8.2 nH
3.3 nH
3.3 nH
C1, C2
0.01 μF
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
100 pF
Note:
1. Select Rbias to achieve Icq using equation below,
Rbias > 22 Ohm.
2. External blocking capacitors are required on
RFIN and RFOUT.
Icq = Vs - 3.9
Rbias
HMC311LP3 / 311LP3E
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 6 GHz
v03.0907



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com