Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC311LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC311LP3
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC311LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC311LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC311LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC311LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC311LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC311LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC311LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8
8 - 15
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation board should be mounted to an
appropriate heat sink. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 106789 [1]
Item
Description
J1 - J2
PC Mount SMA Connector
J3
2 mm DC Header
C1, C2
Capacitor, 0402 Pkg.
C3
10,000 pF Capacitor, 0805 Pkg.
R1
22 Ohm Resistor, 0805 Pkg.
L1
Inductor, 0805 Pkg.
U1
HMC311LP3 / HMC311LP3E
PCB [2]
106493 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
Pin Number
Description
1, 2, 3
Vs
4, 5, 6
GND
J3
HMC311LP3 / 311LP3E
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 6 GHz
v03.0907



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com