Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC2G66
Description  SN74LVC2G66-Q1 Automotive Dual Bilateral Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G66 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G66 Datasheet HTML 1Page - Texas Instruments SN74LVC2G66 Datasheet HTML 2Page - Texas Instruments SN74LVC2G66 Datasheet HTML 3Page - Texas Instruments SN74LVC2G66 Datasheet HTML 4Page - Texas Instruments SN74LVC2G66 Datasheet HTML 5Page - Texas Instruments SN74LVC2G66 Datasheet HTML 6Page - Texas Instruments SN74LVC2G66 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Ordering Information.......................................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings........................................ 4
7.2 ESD Ratings............................................................... 4
7.3 Thermal Information....................................................4
7.4 Recommended Operating Conditions.........................4
7.5 Electrical Characteristics.............................................5
7.6 Switching Characteristics............................................6
7.7 Analog Switch Characteristics.................................... 6
7.8 Operating Characteristics........................................... 7
7.9 Typical Characteristics................................................ 7
8 Parameter Measurement Information............................ 8
9 Detailed Description......................................................14
9.1 Overview................................................................... 14
9.2 Functional Block Diagram......................................... 14
9.3 Feature Description...................................................14
9.4 Device Functional Modes..........................................14
10 Application and Implementation................................ 15
10.1 Application Information........................................... 15
10.2 Typical Application.................................................. 15
11 Power Supply Recommendations..............................16
12 Layout...........................................................................17
12.1 Layout Guidelines................................................... 17
12.2 Layout Example...................................................... 17
13 Device and Documentation Support..........................18
13.1 Documentation Support.......................................... 18
13.2 Receiving Notification of Documentation Updates..18
13.3 Support Resources................................................. 18
13.4 Trademarks.............................................................18
13.5 Electrostatic Discharge Caution..............................18
13.6 Glossary..................................................................18
14 Mechanical, Packaging, and Orderable
Information.................................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (July 2012) to Revision B (October 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added functional safety text to the data sheet....................................................................................................1
• Added the Detailed Description sections.......................................................................................................... 14
• Added the Application and Implementation sections........................................................................................ 15
• Added the Power Supply Reccommendations section..................................................................................... 16
• Added the Layout sections............................................................................................................................... 17
• Added the Device and Documentation sections............................................................................................... 18
SN74LVC2G66-Q1
SCES829B – JUNE 2011 – REVISED OCTOBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74LVC2G66-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com