Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC2G66
Description  SN74LVC2G66-Q1 Automotive Dual Bilateral Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G66 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G66 Datasheet HTML 1Page - Texas Instruments SN74LVC2G66 Datasheet HTML 2Page - Texas Instruments SN74LVC2G66 Datasheet HTML 3Page - Texas Instruments SN74LVC2G66 Datasheet HTML 4Page - Texas Instruments SN74LVC2G66 Datasheet HTML 5Page - Texas Instruments SN74LVC2G66 Datasheet HTML 6Page - Texas Instruments SN74LVC2G66 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
5 Ordering Information
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
–40°C to 125°C
VSSOP – DCU
Reel of 3000
SN74LVC2G66QDCURQ1
CAY_
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
6 Pin Configuration and Functions
1
1A
8
V
CC
2
1B
7
1C
3
2C
6
2B
4
GND
5
2A
Not to scale
Figure 6-1. DCU Package 8-Pin VSSOP Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NAME
1A
1
I/O
Bidirectional signal to be switched
1B
2
I/O
Bidirectional signal to be switched
2C
3
I
Controls the switch (L = OFF, H = ON)
GND
4
—
Ground pin
2A
5
I/O
Bidirectional signal to be switched
2B
6
I/O
Bidirectional signal to be switched
1C
7
I
Controls the switch (L = OFF, H = ON)
VCC
8
—
Power Pin
www.ti.com
SN74LVC2G66-Q1
SCES829B – JUNE 2011 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74LVC2G66-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com