Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC2G66
Description  SN74LVC2G66-Q1 Automotive Dual Bilateral Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G66 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G66 Datasheet HTML 1Page - Texas Instruments SN74LVC2G66 Datasheet HTML 2Page - Texas Instruments SN74LVC2G66 Datasheet HTML 3Page - Texas Instruments SN74LVC2G66 Datasheet HTML 4Page - Texas Instruments SN74LVC2G66 Datasheet HTML 5Page - Texas Instruments SN74LVC2G66 Datasheet HTML 6Page - Texas Instruments SN74LVC2G66 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
7.4 Recommended Operating Conditions (continued)
See (1)
MIN
MAX
UNIT
VIL
Low-level input voltage, control input
VCC = 1.65 V to 1.95 V
VCC × 0.35
V
VCC = 2.3 V to 2.7 V
VCC × 0.3
VCC = 3 V to 3.6 V
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Control input voltage
0
5.5
V
Δt/Δv
Input transition rise/fall time
VCC = 1.65 V to 1.95 V
20
ns/V
VCC = 2.3 V to 2.7 V
20
VCC = 3 V to 3.6 V
10
VCC = 4.5 V to 5.5 V
10
TA
Operating free-air temperature
–40
125
°C
(1)
Hold all unused inputs of the device at VCC or GND to ensure proper device operation. See the TI application report, Implications of
Slow or Floating CMOS Inputs, literature number SCBA004.
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
ron
On-state switch resistance
VI = VCC or GND,
VC = VIH
(see Figure 8-1 and Figure 7-1)
IS = 4 mA
1.65 V
12.5
35
Ω
IS = 8 mA
2.3 V
9
30
IS = 24 mA
3 V
7.5
20
IS = 32 mA
4.5 V
6
15
ron(p)
Peak on-state resistance
VI = VCC to GND,
VC = VIH
(see Figure 8-1 and Figure 7-1)
IS = 4 mA
1.65 V
85
120(1)
Ω
IS = 8 mA
2.3 V
22
30(1)
IS = 24 mA
3 V
12
25
IS = 32 mA
4.5 V
7.5
20
Δron
Difference of on-state resistance
between switches
VI = VCC to GND,
VC = VIH
(see Figure 8-1 and Figure 7-1)
IS = 4 mA
1.65 V
10
Ω
IS = 8 mA
2.3 V
8
IS = 24 mA
3 V
6
IS = 32 mA
4.5 V
5
IS(off)
Off-state switch leakage current
VI = VCC and VO = GND or
VI = GND and VO = VCC,
VC = VIL (see Figure 8-2)
5.5 V
±2
μA
±0.1(1)
IS(on)
On-state switch leakage current
VI = VCC or GND, VC = VIH, VO = Open
(see Figure 8-3)
5.5 V
±2
μA
±0.1(1)
II
Control input current
VC = VCC or GND
5.5 V
±1
μA
±0.1(1)
ICC
Supply current
VC = VCC or GND
5.5 V
15
μA
1(1)
ΔICC
Supply-current change
VC = VCC – 0.6 V
5.5 V
500
μA
Cic
Control input capacitance
5 V
3.5
pF
Cio(off)
Switch input/output capacitance
5 V
6
pF
Cio(on)
Switch input/output capacitance
5 V
14
pF
(1)
TA = 25°C
www.ti.com
SN74LVC2G66-Q1
SCES829B – JUNE 2011 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74LVC2G66-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com