Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106 Datasheet(PDF) 2 Page - Copyright Pickering Electronics Ltd

Part # 106
Description  Single-in-Line SIL/SIP Reed Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

106 Datasheet(HTML) 2 Page - Copyright Pickering Electronics Ltd

  106 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 7Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Single-in-Line SIL/SIP Reed Relays – Series 106
pickering
relay.com
Specification
Series 106 switch ratings - contact ratings for each switch type
Switch
No
Switch
form
Power
rating
Max.
switch
current
Max.
carry
current
Max.
switching
volts
Life
expectancy
ops typical
(see Note1)
Operate
time inc
bounce
(max)
Release
time
Special
features
1
A
20 W
1.0A
1.2 A
200
109
0.5 ms
0.2 ms
General purpose
2
A
10W
0.5A
1.2 A
200
109
0.5 ms
0.2 ms
Low level
3
C
3W
0.25A
1.2 A
200
107
1.0 ms
0.5 ms
Change over
5
A
10W
0.5A
1.2 A
500
109
0.5 ms
0.2 ms
1500 V d.c. standoff
Switch no.2 is particularly good for switching low currents and/or voltages. It is the ideal switch for A.T.E. systems where
cold switching techniques are often used. Where higher power levels are involved, switch no.1 is more suitable.
Note1: Life Expectancy
The life of a reed relay depends upon the switch load and end of life criteria. For example, for an ‘end of life’ contact
resistance specification of 1 Ω, switching low loads (10 V at 10 mA resistive) or when ‘cold’ switching, typical life is approx
1 x 109 ops. At the maximum load (resistive), typical life is 1 x 107 ops. In the event of abusive conditions, e.g. high currents
due to capacitive inrushes, this figure reduces considerably. Pickering will be pleased to perform life testing with any
particular load condition.
Operating Voltages
Coil voltage - nominal
Must operate voltage - maximum at 25°C
Must release voltage - minimum at 25°C
3 V
2.25 V
0.3 V
5 V
3.75 V
0.5 V
12 V
9 V
1.2 V
Operating Temperature Range
-20 ºC to +85 ºC
Storage Temperature Range
-35 ºC to +100 ºC
Shock Resistance
50 g
Vibration Resistance (10 - 2000 Hz)
20 g
Soldering Temperature (max) (10 s max)
270 ºC
Washability (Proper drying process is recommended)
Fully Sealed
Environmental Specification/Mechanical Characteristics
In the table below, the upper temperature limit can be extended to +125 °C if the coil drive voltage is increased to
accommodate the resistance/temperature coefficient of the copper coil winding. This is approximately 0.4% per °C. This
means that at 125 °C the coil drive voltage will need to be increased by approximately 40 x 0.4 =16% to maintain the
required magnetic drive level. Please contact sales@pickeringrelay.com for assistance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com