Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106 Datasheet(PDF) 3 Page - Copyright Pickering Electronics Ltd

Part # 106
Description  Single-in-Line SIL/SIP Reed Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

106 Datasheet(HTML) 3 Page - Copyright Pickering Electronics Ltd

  106 Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 6Page - Copyright Pickering Electronics Ltd 106 Datasheet HTML 7Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Single-in-Line SIL/SIP Reed Relays – Series 106
pickering
relay.com
Specification
Series 106 Coil data and type numbers
Device Type
Type Number
Coil
(V)
Coil
resistance
Max.
contact
resistance
(initial)
Insulation resistance
(minimum at 25 °C)
(see Note4)
Capacitance
(typical)
(see Note2)
Switch
to coil
Across
switch
Closed
switch
to coil
Across
open
switch
1 Form A
Switch No. 1
Package Type 1
106-1-A-5/1D
5
500 Ω
0.15 Ω
1012 Ω
1012 Ω
2.5 pF
0.1 pF
106-1-A-12/1D
12
1000 Ω
1 Form A
Switch No. 2
Package Type 1
106-1-A-3/2D
3
500 Ω
0.12 Ω
1012 Ω
1012 Ω
2.5 pF
0.1 pF
106-1-A-5/2D
5
500 Ω
106-1-A-12/2D
12
1000 Ω
1 Form A
Switch No. 5
Package Type 1
106-1-A-5/5D
5
375 Ω
0.15 Ω
1012 Ω
1012 Ω
2.5 pF
0.1 pF
106-1-A-12/5D
12
1000 Ω
1 Form C
Switch No. 3
Package Type 2
106-1-C-5/3D
5
500 Ω
0.20 Ω
1012 Ω
1010 Ω
See
Note3
See
Note3
106-1-C-12/3D
12
1000 Ω
When an internal diode is required, the suffix D is added to the part number as shown in the table.
Note2: Capacitance across open switch
The capacitance across the open switch was measured with other connections guarded.
Note3: Capacitance values
The value will depend upon on the mode of connection/guarding of unused terminals. Please contact technical sales for
details.
Note4: Insulation resistance
Insulation resistance will reduce at higher temperatures. For more information on temperature effects
click here, or
contact Pickering for more in depth guidance.
For FREE evaluation samples go to: pickeringrelay.com/samples
The technical information shown in this data sheet could contain inaccuracies or typographical errors. This information may
be periodically changed or updated and these changes will be included in future versions of this data sheet.
For different values, latest specifications and product details, please contact your local Pickering sales office.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com